Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4621B Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4621B
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4621B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4621B Datasheet HTML 21Page - STMicroelectronics TS4621B Datasheet HTML 22Page - STMicroelectronics TS4621B Datasheet HTML 23Page - STMicroelectronics TS4621B Datasheet HTML 24Page - STMicroelectronics TS4621B Datasheet HTML 25Page - STMicroelectronics TS4621B Datasheet HTML 26Page - STMicroelectronics TS4621B Datasheet HTML 27Page - STMicroelectronics TS4621B Datasheet HTML 28Page - STMicroelectronics TS4621B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
TS4621B
Application information
Doc ID 022194 Rev 2
25/48
4
Application information
4.1
I2C bus interface
In compliance with the I²C protocol, the TS4621B uses a serial bus to control the chip’s
functions with the clock (SCL) and data (SDA) wires. These two lines are bi-directional
(open collector) and require an external pull-up resistor (typically 10 k
Ω). The maximum
clock frequency in fast mode specified by the I²C standard is 400 kHz, which the TS4621B
supports. In this application, the TS4621B is always the slave device and the controlling
microcontroller MCU is the master device.
The slave address of the TS4621B is 1100 000x (C0h).
Table 8 summarizes the pin descriptions for the I²C bus interface.
4.1.1
I²C bus operation
The host MCU can write to the TS4621B control register to control the TS4621B, and read
from the control register to obtain a configuration from the TS4621B. The TS4621B is
addressed by the byte consisting of the 7-bit slave address and the R/W bit.
There are four control registers (Table 10) named CR1 to CR4. In read mode, all the control
registers can be accessed. In write mode, only CR1, CR2 and CR3 can be addressed.
Table 8.
Pin description of the I²C bus interface
Pin
Functional description
SDA
Serial data pin
SCL
Clock input pin
Table 9.
First byte after the START message for addressing the device
A6
A5
A4
A3
A2
A1
A0
R/W
11
000
00
X
Table 10.
Summary of control registers
Description
Register
address
D7
D6
D5
D4
D3
D2
D1
D0
CR1
1
HP_EN_L HP_EN_R
0
0
SC_L
SC_R
T_SH
SWS
CR2
volume control
2
Mute_L
Mute_R
Volume control
0
CR3
3
0
0
0
0
0
0
HiZ_L HiZ_R
CR4
identification
4
01
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com