Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC2 Datasheet(PDF) 2 Page - Recom International Power

Part # RTC2
Description  2:1 Wide Input Range Regulated Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RTC2 Datasheet(HTML) 2 Page - Recom International Power

  RTC2 Datasheet HTML 1Page - Recom International Power RTC2 Datasheet HTML 2Page - Recom International Power RTC2 Datasheet HTML 3Page - Recom International Power RTC2 Datasheet HTML 4Page - Recom International Power RTC2 Datasheet HTML 5Page - Recom International Power RTC2 Datasheet HTML 6Page - Recom International Power RTC2 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DC/DC Converter
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±2.0% typ.
Line Regulation
low line to high line, full load
±0.2% max.
Load Regulation
0% to 100% load
±0.5% max.
Parameter
Condition
Min.
Typ.
Max.
Start-up time
500µs
Rise Time
450µs
Hold-up Time
10µs
Internal Operating Frequency
nom Vin=
5VDC
24VDC
180kHz
210kHz
Minimum Load
0%
Output Ripple and Noise (4)
20MHz BW
50mVp-p
ON/OFF CTRL
DC-DC ON
DC-DC OFF
Open or 0.0V<Vr<0.8VDC
2V<Vr<6VDC
Input Current of CTRL Pin
nom Vin=
5VDC
24VDC
40mA
16mA
Standby Current
0.75mA
1.5mA
ECO-2
REV.: 1/2017
www.recom-power.com
RTC2
Series
Specifications (measured @ ta= 25°C, nominal Vin, full load and after warm up unless otherwise specified)
Efficiency vs. Load
RTC2-0505SRW
RTC2-0505SRW
RTC2-2405SRW
RTC2-2405SRW
Notes:
Note4: Measurements are made with a 0.1µF MLCC across output. (low ESR)
0.4
0
0.1
0.2
0.3
0
90
80
70
60
50
40
30
20
10
Output Load [A]
4.5Vin
5Vin
9Vin
0.4
0
0.1
0.2
0.3
0
90
80
70
60
50
40
30
20
10
Output Load [A]
18Vin
24Vin
36Vin
0.4
0
0.1
0.2
0.3
0
90
80
70
60
50
40
30
20
10
Output Load [A]
4.5Vin
5Vin
9Vin
0.4
0
0.1
0.2
0.3
0
90
80
70
60
50
40
30
20
10
Output Load [A]
18Vin
24Vin
36Vin
0.4
0
0.1
0.2
0.3
0
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Output Load [A]
4.5Vin
5Vin
9Vin
0.4
0
0.1
0.2
0.3
-0.35
0
-0.05
-0.1
-0.15
-0.2
-0.25
-0.3
Output Load [A]
18Vin
24Vin
36Vin
0.4
0
0.1
0.2
0.3
0
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Output Load [A]
4.5Vin
5Vin
9Vin
0.4
0
0.1
0.2
0.3
-0.35
0
-0.05
-0.1
-0.15
-0.2
-0.25
-0.3
Output Load [A]
18Vin
24Vin
36Vin
Accuracy vs. Load



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com