Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC2 Datasheet(PDF) 4 Page - Recom International Power

Part # RTC2
Description  2:1 Wide Input Range Regulated Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RTC2 Datasheet(HTML) 4 Page - Recom International Power

  RTC2 Datasheet HTML 1Page - Recom International Power RTC2 Datasheet HTML 2Page - Recom International Power RTC2 Datasheet HTML 3Page - Recom International Power RTC2 Datasheet HTML 4Page - Recom International Power RTC2 Datasheet HTML 5Page - Recom International Power RTC2 Datasheet HTML 6Page - Recom International Power RTC2 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Audio/Video, information and communication technology equipment - Safety requirements (CB Scheme)
L0339m43-CB-1-B1
IEC62368-1, 2nd Edition, 2014
EN62368-1, 2014
RoHS2
RoHS-2011/65/EU + AM2 (10/10)
EMC Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance characteristics - Limits and methods of
measurement
with external filter
(see filter suggestion below)
EN55022, Class A
EN55022, Class B
Electromagnetic compatibility of multimedia equipment - Emission requirements
EN55032, Class B
Information technology equipment - Immunity characteristics - Limits and methods of measurement
EN55024
ESD Electrostatic discharge immunity test
Air: ±8kV; Contact: ±4kV
EN61000-4-2, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
EN61000-4-3, Criteria A
Fast Transient and Burst Immunity
DC Port: ±0.5kV
EN61000-4-4, Criteria A
Surge Immunity
DC Port: ±1kV
EN61000-4-5, Criteria B
Immunity to conducted disturbances, induced by radio-frequency fields
DC Port: 3V
EN61000-4-6, Criteria A
Power Magnetic Field Immunity
50Hz 1A/m
EN61000-4-8, Criteria A
vcontinued on next page
RTC2
Series
Specifications (measured @ ta= 25°C, nominal Vin, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-4
REV.: 1/2017
www.recom-power.com
C1
L1
+Vin
-Vin
+Vout
-Vout
EMC Filtering Suggestions according to EN55022 Class A
EN55022 Class A Conducted Emmisions
nom. Vin
C1
L1
5VDC
22µF/16V MLCC
12µH SMD Inductor
24VDC
22µF/50V MLCC
22µH SMD Inductor
RTC2-0505SRW
RTC2-2405SRW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com