Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC2 Datasheet(PDF) 5 Page - Recom International Power

Part # RTC2
Description  2:1 Wide Input Range Regulated Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RTC2 Datasheet(HTML) 5 Page - Recom International Power

  RTC2 Datasheet HTML 1Page - Recom International Power RTC2 Datasheet HTML 2Page - Recom International Power RTC2 Datasheet HTML 3Page - Recom International Power RTC2 Datasheet HTML 4Page - Recom International Power RTC2 Datasheet HTML 5Page - Recom International Power RTC2 Datasheet HTML 6Page - Recom International Power RTC2 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DC/DC Converter
C1
C2
L1
+Vin
-Vin
+Vout
-Vout
Specifications (measured @ ta= 25°C, nominal Vin, full load and after warm up unless otherwise specified)
RTC2
Series
ECO-5
REV.: 1/2017
www.recom-power.com
EMC Filtering Suggestions according to EN55022 Class B
EN55022 Class B Conducted Emmisions
RTC2-0505SRW
RTC2-2405SRW
nom. Vin
C1
C2
L1
5VDC
22µF/16V MLCC
220pF/4kV
Disc ceramic
12µH SMD
Inductor
24VDC
22µF/50V MLCC
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case (spacers)
PCB
plastic
FR4
Package Dimension (LxWxH)
14.99 x 14.22 x 9.6mm
Package Weight
2.0g typ.
continued on next page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com