Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC2 Datasheet(PDF) 3 Page - Recom International Power

Part # RTC2
Description  2:1 Wide Input Range Regulated Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RTC2 Datasheet(HTML) 3 Page - Recom International Power

  RTC2 Datasheet HTML 1Page - Recom International Power RTC2 Datasheet HTML 2Page - Recom International Power RTC2 Datasheet HTML 3Page - Recom International Power RTC2 Datasheet HTML 4Page - Recom International Power RTC2 Datasheet HTML 5Page - Recom International Power RTC2 Datasheet HTML 6Page - Recom International Power RTC2 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal Vin, full load and after warm up unless otherwise specified)
RTC2
Series
ECO-3
REV.: 1/2017
www.recom-power.com
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
below 100m
W
continuous, auto recovery
Isolation Voltage
I/P to O/P
tested for 1 second
3kVDC
rated for 1 minute
1kVAC (7)
Isolation Resistance
1G
W min.
Isolation Capacitance
25pF typ.
Insulation Grade
basic
Notes:
Note5: An input fuse is required if the main supply is not over-current protected. Recommended fuse: T2A slow blow type
Note6: An external input filter capacitor is required if the model has to meet EN6100-4-4 and EN61000-4-5
Recom suggested: Nippon chemi-con KY Series, 220µF/100V ESR 48m
W
Note7: Customers are allowed to test once with 1kVAC/1 minute in their production. Thereafter the test voltage and time must be
reduced for any repeat testing
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating (see graph)
-40°C to +100°C
Temperature Coefficient
±0.05%/°C
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Pollution Degree
PD2
Vibration
according to MIL-STD-202G
MTBF
according to MIL-HDBK-217F, G.B. +25°C
2145 x 10³ hours
100 110
80
85
75
60
40
20
0
-20
-40
0
20
40
60
80
100
Ambient Temperature [°C]
5Vin
24Vin
Derating Graph
(@ Chamber and natural convection 0.1m/s)
Protection Circuit
Fuse (5)
+Vin
-Vin
+Vout
-Vout
C1(6)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com