Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC2 Datasheet(PDF) 6 Page - Recom International Power

Part # RTC2
Description  2:1 Wide Input Range Regulated Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RTC2 Datasheet(HTML) 6 Page - Recom International Power

  RTC2 Datasheet HTML 1Page - Recom International Power RTC2 Datasheet HTML 2Page - Recom International Power RTC2 Datasheet HTML 3Page - Recom International Power RTC2 Datasheet HTML 4Page - Recom International Power RTC2 Datasheet HTML 5Page - Recom International Power RTC2 Datasheet HTML 6Page - Recom International Power RTC2 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RTC2
Series
Specifications (measured @ ta= 25°C, nominal Vin, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-6
REV.: 1/2017
www.recom-power.com
INSTALLATION and APPLICATION
continued on next page
ON/OFF CTRL Circuit
DC-DC ON: Open or 0V<Vr<0.8VDC
DC-DC OFF: 2V<Vr<6VDC
68
Ω
1N4148
+Vin
VCTRL
-Vin
+Vout
-Vout
Pin Connection
Pin #
Function
1
+Vin
2
-Vin
3
CTRL
4
+Vout
5
-Vout
Tolerance: xx.x±0.5mm
xx.xx ±0.25mm
Pin dimension: ±0.1mm
Bottom View
Top View
14.9
1
2
3
4
5
1.0
14.45
4.50
3.95
14.60
1.90
14.2
2.54
leave free of PCB traces
Recommended Footprint Details
Derating Graph
(@ Chamber and natural convection 0.1m/s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com