Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC2 Datasheet(PDF) 1 Page - Recom International Power

Part # RTC2
Description  2:1 Wide Input Range Regulated Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RTC2 Datasheet(HTML) 1 Page - Recom International Power

  RTC2 Datasheet HTML 1Page - Recom International Power RTC2 Datasheet HTML 2Page - Recom International Power RTC2 Datasheet HTML 3Page - Recom International Power RTC2 Datasheet HTML 4Page - Recom International Power RTC2 Datasheet HTML 5Page - Recom International Power RTC2 Datasheet HTML 6Page - Recom International Power RTC2 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ECO-1
REV.: 1/2017
www.recom-power.com
2 Watt
SMD
Single Output
DC/DC Converter
Features
Regulated
Converters
• 2:1 Wide Input Range Regulated Converter
• 2W In Compact SMD Package
• -40°C To +85°C Operating Temperature @ Full Load
• high 3kVDC/1 Second (1kVAC/1 Minute) Basic Isolation
• Continuous Short Circuit Protection
• IEC/EN62368-1 Certified (CB Scheme)
RTC2
Description
The RTC2 is a 2W, open-frame, SMD, isolated DC/DC converter with 2:1 input voltage range. It is
available with 5V (4.5-9V) or 24V (18-36V) inputs and offers a single 5V output which is short circuit
protected. The output is tightly regulated with less than 50mV output ripple. There is no minimum load
requirement. The operating temperature is -40°C up to 100°C (with derating). Isolation is 3kVDC/1kVAC
(Basic Isolation) and a control pin is fitted as standard. The converter is IEC/EN62368-1 certified and is
10/10 RoHS-conform. Class B EMC conformity can be reached with a simple external LC filter.
3 YEAR
warranty
3
Selection Guide
Part
nom. Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
RTC2-0505SRW
4.5 - 9
5
400
76
4700
RTC2-2405SRW
18 - 36
5
400
80
4700
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient.
Note2: Max. cap. load is tested at minimum input and full resistive load.
Notes:
Note3: without suffix, standard tray packaging
add suffix „-R“ for Tape and Reel packaging
Model Numbering
Ordering Examples:
RTC2-0505SRW
= nom.Vin=5VDC, nom. Vout= 5VDC, standard 3kVDC/1 second isolation, tray packaging
RTC2-2405SRW-R
= nom.Vin= 24DC, nom. Vout= 5VDC, standard 3kVDC/1 second isolation, tape and reel packaging
Packaging (3)
Single
nom. Input Voltage
Output Voltage
RTC2-__ __ SRW-_
IEC/EN62368-1 Certified
CB Report
EN55022
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
capacitor
Input Voltage Range
nom. Vin=
5VDC
24VDC
4.5VDC
18VDC
5VDC
24VDC
9VDC
36VDC
Input Surge Voltage
100ms max. nom. Vin=
5VDC
24VDC
15VDC
50VDC
Quiescent Current
nom. Vin=
5VDC
24VDC
40mA
3mA
continued on next page
Specifications (measured @ ta= 25°C, nominal Vin, full load and after warm up unless otherwise specified)


Similar Part No. - RTC2

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
RTC2 CIT-RTC2 Datasheet
148Kb / 3P
CIT SWITCH
logo
Belden Inc.
RTC2C0.5P BELDEN-RTC2C0.5P Datasheet
146Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 0.5 mm² Str TC, XLPO Ins,XLPO Outer Jkt
04-05-2023
RTC2C0.75P BELDEN-RTC2C0.75P Datasheet
145Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 0.75 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
RTC2C1.0P BELDEN-RTC2C1.0P Datasheet
146Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 1 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
RTC2C1.5P BELDEN-RTC2C1.5P Datasheet
146Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 1.5 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
More results

Similar Description - RTC2

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WFC02R CANDD-WFC02R Datasheet
177Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WFC02RC MURATA-PS-WFC02RC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Recom International Pow...
RSE RECOM-RSE Datasheet
371Kb / 5P
2:1 Wide Input Range
RSOE RECOM-RSOE Datasheet
380Kb / 5P
2:1 Wide Input Range
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000_17 Datasheet
483Kb / 4P
Wide 2:1 Input Range
MKW2500 TOTAL-POWER-MKW2500_17 Datasheet
439Kb / 5P
Wide 2:1 Input Range
MKW3000 TOTAL-POWER-MKW3000_17 Datasheet
758Kb / 5P
Wide 2:1 Input Range
MKW5000 TOTAL-POWER-MKW5000_17 Datasheet
496Kb / 5P
Wide 2:1 Input Range
logo
Wall Industries,Inc.
RGW3 WALL-RGW3 Datasheet
376Kb / 6P
2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com