Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R2 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 14Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 15Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 16Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 17Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 18Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 19Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 20Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 21Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
SMBC
SMBD
SMBC
SMBD
SMBC
SMBD
S
tSU(START)T
S
P
TtBUFT
tSU(STOP)p
TtR
TtF
SMBC
SMBD
TtTIMEOUT
TtHIGHT
TtLOWT
TtF
TtR
tHD(DATA)T
TtSU(DATA)
tHD(START)
Start and Stop Condition
Wait and Hold Condition
Timeout Condition
Repeated Start Condition
18
bq40z50-R2
SLUSCS4 – JUNE 2017
www.ti.com
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Timing Requirements: SMBus XL (continued)
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
tSU(START)
Repeated start setup time
4.7
µs
tSU(STOP)
Stop setup time
4.0
µs
tTIMEOUT
Error signal detect time
5
20
ms
tLOW
Clock low period
20
µs
tHIGH
Clock high period
20
µs
Figure 4. SMBus Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com