Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R2 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 41 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 37Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 38Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 39Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 40Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 41Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 42Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 43Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 44Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
CHARGE
AND
DISCHARGE
PATH
CURRENT
FILTER
SENSE
RESISTOR
2
ND
LEVEL
PROTECTOR
LEDS
THERMISTORS
Copyright © 2016, Texas Instruments Incorporated
Pack+
C2
C3
F1
Pack±
C1
BAT+
BAT±
Low Level Circuits
C1
J1
R1
F1
Q2
C2
Q1
C3
J1
41
bq40z50-R2
www.ti.com
SLUSCS4 – JUNE 2017
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Layout Guidelines (continued)
11.1.1 Protector FET Bypass and Pack Terminal Bypass Capacitors
Use wide copper traces to lower the inductance of the bypass capacitor circuit. Figure 47 shows an example
layout, demonstrating this technique.
Figure 47. Use Wide Copper Traces to Lower the Inductance of Bypass Capacitors C1, C2, and C3
11.1.2 ESD Spark Gap
Protect SMBus clock, data, and other communication lines from ESD with a spark gap at the connector. The
pattern in Figure 48 is recommended, with 0.2-mm spacing between the points.
Figure 48. Recommended Spark-Gap Pattern Helps Protect Communication Lines from ESD
11.2 Layout Example
Figure 49. Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com