Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R2 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 35 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 31Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 32Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 33Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 34Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 35Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 36Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 37Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 38Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
35
bq40z50-R2
www.ti.com
SLUSCS4 – JUNE 2017
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.2.2.3.1
Cell and Battery Inputs
Each cell input is conditioned with a simple RC filter, which provides ESD protection during cell connect and acts
to filter unwanted voltage transients. The resistor value allows some trade-off for cell balancing versus safety
protection.
The integrated cell balancing FETs enable the AFE to bypass cell current around a given cell or numerous cells,
effectively balancing the entire battery stack. External series resistors placed between the cell connections and
the VCx I/O pins set the balancing current magnitude. The internal FETs provide a 200-Ω resistance (2 V < VDS
< 4 V). Series input resistors between 100 Ω and 300 Ω are recommended for effective cell balancing.
The BAT input uses a diode (D1) to isolate and decouple it from the cells in the event of a transient dip in voltage
caused by a short-circuit event.
Also, as described in High-Current Path, the top and bottom nodes of the cells must be sensed at the battery
connections with a Kelvin connection to prevent voltage sensing errors caused by a drop in the high-current PCB
copper.
Figure 32. Cell and BAT Inputs
9.2.2.3.2
External Cell Balancing
Internal cell balancing can only support up to 10 mA. External cell balancing provide as another option for faster
cell balancing. For details, refer to the application note, Fast Cell Balancing Using External MOSFET (SLUA420).
9.2.2.3.3
PACK and FET Control
The PACK and VCC inputs provide power to the bq40z50-R2 device from the charger. The PACK input also
provides a method to measure and detect the presence of a charger. The PACK input uses a 10-kΩ resistor;
whereas, the VCC input uses an internal diode to guard against input transients and prevent a mis-operation of
the gate driver during short-circuit events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com