Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R2 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 10Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 11Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 12Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 13Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 14Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 15Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 16Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 17Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
14
bq40z50-R2
SLUSCS4 – JUNE 2017
www.ti.com
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.23 PTC, PTCEN
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RPTC(TRIP)
PTC trip
resistance
1.2
2.5
3.95
VPTC(TRIP)
PTC trip voltage
VPTC(TRIP) = VPTCEN – VPTC
200
500
890
mV
IPTC
Internal PTC
current bias
TA = –40°C to 110°C
200
290
350
nA
tPTC(DELAY)
PTC delay time
TA = –40°C to 110°C
40
80
145
ms
7.24 Internal 1.8-V LDO
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREG
Regulator voltage
1.6
1.8
2.0
V
ΔVO(TEMP)
Regulator output
over temperature
ΔVREG/ΔTA, IREG = 10 mA
±0.25%
ΔVO(LINE)
Line regulation
ΔVREG/ΔVBAT, VBAT = 10 mA
–0 .6%
0.5%
ΔVO(LOAD)
Load regulation
ΔVREG/ΔIREG, IREG = 0 mA to 10 mA
–1.5%
1.5%
IREG
Regulator output
current limit
VREG = 0.9 × VREG(NOM), VIN > 2.2 V
20
mA
ISC
Regulator short-
circuit current limit
VREG = 0 × VREG(NOM)
25
40
55
mA
PSRRREG
Power supply
rejection ratio
ΔVBAT/ΔVREG, IREG = 10 mA ,VIN > 2.5 V, f = 10 Hz
40
dB
VSLEW
Slew rate
enhancement
voltage threshold
VREG
1.58
1.65
V
7.25 High-Frequency Oscillator
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fHFO
Operating frequency
16.78
MHz
fHFO(ERR)
Frequency error
TA = –20°C to 70°C, includes frequency drift
–2.5%
±0.25%
2.5%
TA = –40°C to 85°C, includes frequency drift
–3.5%
±0.25%
3.5%
tHFO(SU)
Start-up time
TA = –20°C to 85°C, oscillator frequency within
+/–3% of nominal
4
ms
oscillator frequency within +/–3% of nominal
100
µs
7.26 Low-Frequency Oscillator
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fLFO
Operating frequency
262.144
kHz
fLFO(ERR)
Frequency error
TA = –20°C to 70°C, includes frequency drift
–1.5%
±0.25%
1.5%
TA = –40°C to 85°C, includes frequency drift
–2.5
±0.25
2.5
fLFO(FAIL)
Failure detection
frequency
30
80
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com