Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R2 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 38 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 34Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 35Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 36Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 37Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 38Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 39Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 40Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 41Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
10.70
10.75
10.80
10.85
10.90
10.95
11.00
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C013
432
434
436
438
440
442
444
446
448
450
452
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C014
±87.2
±87.0
±86.8
±86.6
±86.4
±86.2
±86.0
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C011
±173.6
±173.5
±173.4
±173.3
±173.2
±173.1
±173.0
±172.9
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C012
±25.8
±25.6
±25.4
±25.2
±25.0
±24.8
±24.6
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C009
86.2
86.4
86.6
86.8
87.0
87.2
87.4
±40
±20
0
20
40
60
80
100
120
Temperature (
ƒC)
C010
38
bq40z50-R2
SLUSCS4 – JUNE 2017
www.ti.com
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.2.3 Application Curves
Threshold setting is –25 mV.
Figure 37. Overcurrent Discharge Protection Threshold vs.
Temperature
Threshold setting is 88.85 mV.
Figure 38. Short Circuit Charge Protection Threshold vs.
Temperature
Threshold setting is –88.85 mV.
Figure 39. Short Circuit Discharge 1 Protection Threshold
vs. Temperature
Threshold setting is –177.7 mV.
Figure 40. Short Circuit Discharge 2 Protection Threshold
vs. Temperature
Threshold setting is 11 ms.
Figure 41. Overcurrent Delay Time vs. Temperature
Threshold setting is 465 µs.
Figure 42. Short Circuit Charge Current Delay Time vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com