Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ40Z50-R2 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50-R2
Description  1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50-R2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ40Z50-R2 Datasheet HTML 6Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 7Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 8Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 9Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 10Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 11Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 12Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 13Page - Texas Instruments BQ40Z50-R2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
10
bq40z50-R2
SLUSCS4 – JUNE 2017
www.ti.com
Product Folder Links: bq40z50-R2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Current Wake Comparator (continued)
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tWAKE
Time from
application of
current to wake
interrupt
700
µs
tWAKE(SU)
Wake comparator
startup time
500
1000
µs
7.10 VC1, VC2, VC3, VC4, BAT, PACK
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
K
Scaling factor
VC1–VSS, VC2–VC1, VC3–VC2, VC4–VC3
0.1980
0.2000
0.2020
BAT–VSS, PACK–VSS
0.049
0.050
0.051
VREF2
0.490
0.500
0.510
VIN
Input voltage range
VC1–VSS, VC2–VC1, VC3–VC2, VC4–VC3
–0.2
5
V
BAT–VSS, PACK–VSS
–0.2
20
ILKG
Input leakage current
VC1, VC2, VC3, VC4, cell balancing off, cell detach
detection off, ADC multiplexer off
1
µA
RCB
Internal cell balance
resistance
RDS(ON) for internal FET switch at 2 V < VDS < 4 V
200
Ω
ICD
Internal cell detach
check current
VCx > VSS + 0.8 V
30
50
70
µA
7.11 SMBD, SMBC
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input voltage high
SMBC, SMBD, VREG = 1.8 V
1.3
V
VIL
Input voltage low
SMBC, SMBD, VREG = 1.8 V
0.8
V
VOL
Output low voltage
SMBC, SMBD, VREG = 1.8 V, IOL = 1.5 mA
0.4
V
CIN
Input capacitance
5
pF
ILKG
Input leakage current
1
µA
RPD
Pulldown resistance
0.7
1.0
1.3
7.12 PRES, BTP_INT, DISP
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input
1.3
V
VIL
Low-level input
0.55
V
VOH
Output voltage high
VBAT > 5.5 V, IOH = –0 µA
3.5
V
VBAT > 5.5 V, IOH = –10 µA
1.8
VOL
Output voltage low
IOL = 1.5 mA
0.4
V
CIN
Input capacitance
5
pF
ILKG
Input leakage current
1
µA
RO
Output reverse
resistance
Between PRES or BTP_INT or DISP and PBI
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com