Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2002 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT45F2002
Description  2-Wire Communication Flash MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2002 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT45F2002 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Rev. 1.00
8
���� 1�� �01�
Rev. 1.00
9
���� 1�� �01�
HT45F2002
2-Wire Communication Flash MCU
HT45F2002
2-Wire Communication Flash MCU
Pin Name
Function
OPT
I/T
O/T
Description
VCC
VCC
—
PWR
—
Inp�t vo�tage
VDD
VDD
—
PWR
—
Digita� positive power s�pp��.
Co��d connect to LDO pin externa���
VSS
VSS
—
PWR
—
Digita� negative power s�pp��.
Gro�nd pin - VSS
Legend:I/T:Inputtype
O/T:Outputtype
OPT:Optionalbyregisteroption
PWR:Power
ST:SchmittTriggerinput
AN:Analogsignal
CMOS:CMOSoutput
NMOS:NMOSoutput
Note:ThePB0~PB4,PB5,PC1,PC3~PC6andtheirpin-sharedfunctionsarenotconnectedto
externalpackagepins.
Internally Connected Pins
Exceptthepinsmentionedinthetableaboveseveralpinsarenotconnectedtoexternalpackage
pins.ThesepinsareinterconnectionpinsbetweentheMCUandthepowerlinedatatransceiver
chipsandarelistedinthefollowingtable.Thedescriptionisprovidedfromthepowerlinedata
transceiverchipstandpoint.
Power Line Data
Transceiver Pin Name
Type
Description
VSS
PWR Gro�nd Pin.
Connected to MCU negative power s�pp��� VSS
Absolute Maximum Ratings
SupplyVoltage....................................................................................................VSS-0.3VtoVSS+50V
InputVoltage......................................................................................................VSS-0.3VtoVDD+0.3V
StorageTemperature..................................................................................................... -50°Cto125°C
OperatingTemperature....................................................................................................-40°Cto85°C
IOLTotal........................................................................................................................................80mA
IOHTotal.......................................................................................................................................-80mA
TotalPowerDissipation............................................................................................................ 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“Absolute
MaximumRatings”maycausesubstantialdamagetothedevices.Functionaloperationof
thesedevicesatotherconditionsbeyondthoselistedinthespecificationisnotimpliedand
prolongedexposuretoextremeconditionsmayaffectdevicereliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com