Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2002 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT45F2002
Description  2-Wire Communication Flash MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2002 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT45F2002 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Rev. 1.00
18
���� 1�� �01�
Rev. 1.00
19
���� 1�� �01�
HT45F2002
2-Wire Communication Flash MCU
HT45F2002
2-Wire Communication Flash MCU
Instruction Set Summary
Thefollowingtabledepictsasummaryoftheinstructionsetcategorisedaccordingtofunctionand
canbeconsultedasabasicinstructionreferenceusingthefollowinglistedconventions.
Table Conventions
x:Bitsimmediatedata
m:DataMemoryaddress
A:Accumulator
i:0~7numberofbits
addr:Programmemoryaddress
Mnemonic
Description
Cycles
Flag Affected
Arithmetic
ADD A�[m]
Add Data Memor� to ACC
1
Z� C� AC� OV
ADDM A�[m]
Add ACC to Data Memor�
1Note
Z� C� AC� OV
ADD A�x
Add immediate data to ACC
1
Z� C� AC� OV
ADC A�[m]
Add Data Memor� to ACC with Carr�
1
Z� C� AC� OV
ADCM A�[m]
Add ACC to Data memor� with Carr�
1Note
Z� C� AC� OV
SUB A�x
S�btract immediate data from the ACC
1
Z� C� AC� OV
SUB A�[m]
S�btract Data Memor� from ACC
1
Z� C� AC� OV
SUBM A�[m]
S�btract Data Memor� from ACC with res��t in Data Memor�
1Note
Z� C� AC� OV
SBC A�[m]
S�btract Data Memor� from ACC with Carr�
1
Z� C� AC� OV
SBCM A�[m]
S�btract Data Memor� from ACC with Carr�� res��t in Data Memor�
1Note
Z� C� AC� OV
DAA [m]
Decima� adj�st ACC for Addition with res��t in Data Memor�
1Note
C
Logic Operation
AND A�[m]
Logica� AND Data Memor� to ACC
1
Z
OR A�[m]
Logica� OR Data Memor� to ACC
1
Z
XOR A�[m]
Logica� XOR Data Memor� to ACC
1
Z
ANDM A�[m]
Logica� AND ACC to Data Memor�
1Note
Z
ORM A�[m]
Logica� OR ACC to Data Memor�
1Note
Z
XORM A�[m]
Logica� XOR ACC to Data Memor�
1Note
Z
AND A�x
Logica� AND immediate Data to ACC
1
Z
OR A�x
Logica� OR immediate Data to ACC
1
Z
XOR A�x
Logica� XOR immediate Data to ACC
1
Z
CPL [m]
Comp�ement Data Memor�
1Note
Z
CPLA [m]
Comp�ement Data Memor� with res��t in ACC
1
Z
Increment & Decrement
INCA [m]
Increment Data Memor� with res��t in ACC
1
Z
INC [m]
Increment Data Memor�
1Note
Z
DECA [m]
Decrement Data Memor� with res��t in ACC
1
Z
DEC [m]
Decrement Data Memor�
1Note
Z
Rotate
RRA [m]
Rotate Data Memor� right with res��t in ACC
1
None
RR [m]
Rotate Data Memor� right
1Note
None
RRCA [m]
Rotate Data Memor� right thro�gh Carr� with res��t in ACC
1
C
RRC [m]
Rotate Data Memor� right thro�gh Carr�
1Note
C
RLA [m]
Rotate Data Memor� �eft with res��t in ACC
1
None
RL [m]
Rotate Data Memor� �eft
1Note
None
RLCA [m]
Rotate Data Memor� �eft thro�gh Carr� with res��t in ACC
1
C
RLC [m]
Rotate Data Memor� �eft thro�gh Carr�
1Note
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com