Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2002 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F2002
Description  2-Wire Communication Flash MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2002 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F2002 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Rev. 1.00
1�
���� 1�� �01�
Rev. 1.00
13
���� 1�� �01�
HT45F2002
2-Wire Communication Flash MCU
HT45F2002
2-Wire Communication Flash MCU
Two Line Type Power Line Data Transmitter D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VCC
Operating Vo�tage
—
—
7
—
��
V
ICC
Operating C�rrent
— VCC=��V� VDD No Load�
—
�0
�0
μA
IOFF
Offline Current
— V
cc
=��V� VDD No Load�
TRX=0V
—
10
�0
μA
VOFF
TRX Offline Voltage
—
—
—
—
0.5
V
VON
TRX On�ine Vo�tage
—
—
�
—
—
V
VT
Thresho�d Vo�tage
—
—
—
VMARK-5.�
—
V
IMC
Mod��ate C�rrent
— RS=100Ω
—
15
—
mA
— RS=�7Ω
—
3�
—
mA
VIL
Inp�t �ow vo�tage for TX pin
5V
—
0
—
1.5
V
VIH
Inp�t high vo�tage for TX pin
5V
—
3.5
—
5
V
IOL
Sink c�rrent for RX pin
5V VOL=0.1VDD
10
�0
—
mA
IOH
So�rce c�rrent for RX pin
5V VOH=0.9VDD
-5
-10
—
mA
RPH
P���-high Resistance for TX
—
—
-30%
50
30%
kΩ
LDO Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VOUT
O�tp�t Vo�tage
5V
VCC=7V� ILOAD=10mA
�.85
5
5.15
V
IOUT
O�tp�t C�rrent
—
VCC=10V, ΔVOUT=-3%
�0
—
—
mA
VCC=7V, ΔVOUT=-3%
30
—
—
mA
ΔVLINE
Line Reg��ation
—
7V ≤ VIN ≤ ��V� ILOAD=1mA
—
—
0.�
%/V
TC
Temperat�re Coefficient
5V
Ta=-�0°C ~ 85°C�
VCC=7V� ILOAD=10mA
—
±0.75
±1.5 mV/°C
ΔVOUT_RIPPLE
O�tp�t Vo�tage Ripp�e
—
VCC=7V� ILOAD=10mA
—
—
�0
mV
tSTART
LDO Start�p Time
5V
VCC=7V� ILOAD=1mA�
VOUT=5V ± 3%
—
—
10
ms
IOL
Sink c�rrent for VDD
—
VCC=5V� VOL=0.5V
0.8
—
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com