Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2002 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT45F2002
Description  2-Wire Communication Flash MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2002 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT45F2002 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 31Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Rev. 1.00
30
���� 1�� �01�
Rev. 1.00
31
���� 1�� �01�
HT45F2002
2-Wire Communication Flash MCU
HT45F2002
2-Wire Communication Flash MCU
20-pin SSOP (150mil) Outline Dimensions




)
*
+
,
-.
+
/
0
=
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
0.�3� BSC
—
B
—
0.15� BSC
—
C
0.008
—
0.01�
C’
—
0.3�1 BSC
—
D
—
—
0.0�9
E
—
0.0�5 BSC
—
F
0.00�
—
0.0098
G
0.01�
—
0.05
H
0.00�
—
0.01
α
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
�.000 BSC
—
B
—
3.900 BSC
—
C
0.�0
—
0.30
C’
—
8.��0 BSC
—
D
—
—
1.75
E
—
0.�35 BSC
—
F
0.10
—
0.�5
G
0.�1
—
1.�7
H
0.10
—
0.�5
α
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com