Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2002 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT45F2002
Description  2-Wire Communication Flash MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2002 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT45F2002 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Rev. 1.00
10
���� 1�� �01�
Rev. 1.00
11
���� 1�� �01�
HT45F2002
2-Wire Communication Flash MCU
HT45F2002
2-Wire Communication Flash MCU
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Condition
tSST
S�stem Start-�p Timer Period
(Wake-�p from HALT� fSYS Off at HALT
State� Reset Pin Reset)
—
fSYS=HIRC
1�
—
—
tSYS
fSYS=LIRC
�
—
—
S�stem Start-�p Timer Period
(Wake-�p from HALT� fSYS on at HALT State)
—
—
�
—
—
tSYS
tRSTD
S�stem Reset De�a� Time
(Power On Reset� LVR Reset�
WDT S/W Reset (WDTC)
—
—
�.�5
50
1�5 ms
S�stem Reset De�a� Time
(RES Pin Reset� WDT Norma� Reset)
—
—
�.08 1�.7 �7.9 ms
fI�C
I�C Standard Mode (100kHz) fSYS Freq�enc�
—
No c�ock debo�nce
�
—
— MHz
—
� s�stem c�ock debo�nce
�
—
— MHz
—
� s�stem c�ock debo�nce
8
—
— MHz
I�C Fast Mode (�00kHz) fSYS Freq�enc�
—
No c�ock debo�nce
5
—
— MHz
—
� s�stem c�ock debo�nce 10
—
— MHz
—
� s�stem c�ock debo�nce �0
—
— MHz
Note:1.tSYS=1/fSYS
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.
ADC Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ.
Max.
Unit
VDD
Conditions
AVDD
A/D Converter Operating Vo�tage
—
—
�.7
—
5.5
V
VADI
A/D Converter Inp�t Vo�tage
—
—
0
—
AVDD /VREF
V
VREF
A/D Converter Reference Vo�tage
3V
—
�
—
AVDD
V
5V
DNL
Differentia� Non-�inearit�
�.7V
VREF=AVDD=VDD
tADCK =0.5μs
-3
—
+3
LSB
3V
5V
INL
Integra� Non-�inearit�
�.7V
VREF=AVDD=VDD
tADCK =0.5μs
-�
—
+�
LSB
3V
5V
IADC
Additiona� Power Cons�mption if
A/D Converter is �sed
3V
No �oad (tADCK =0.5μs )
—
1.0
�.0
mA
5V
No �oad (tADCK =0.5μs )
—
1.5
3.0
mA
tADCK
A/D Converter C�ock Period
�.7V~
5.5V
—
0.5
—
10
μs
tADC
A/D Conversion Time
(Inc��de Samp�e and Ho�d Time)
�.7~
5.5V 1�-bit ADC
1�
—
�0
tADCK
tADS
A/D Converter Samp�ing Time
�.7V~
5.5V
—
—
�
—
tADCK
tON�ST
A/D Converter On-to-Start Time
�.7V~
5.5V
—
�
—
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com