Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F2002 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT45F2002
Description  2-Wire Communication Flash MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2002 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT45F2002 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Rev. 1.00
1�
���� 1�� �01�
Rev. 1.00
13
���� 1�� �01�
HT45F2002
2-Wire Communication Flash MCU
HT45F2002
2-Wire Communication Flash MCU
LVR Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Vo�tage
—
—
1.9
—
5.5
V
VLVR
Low Vo�tage Reset Vo�tage
—
LVR Enab�e� �.1V option
-5%
�.1
+5%
V
BUFO
Reference O�tp�t with B�ffer
—
T� = +�5°C@3.15V
-5%
1.0�
+5%
V
tLVR
Low Vo�tage Width to Reset
—
—
1�0
3�0
��0
μs
LCD Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IBIAS
VDD/� Bias C�rrent for LCD
5V
ISEL[1:0]=00
17.5
�5.0
3�.5
μA
ISEL[1:0]=01
35
50
�5
μA
ISEL[1:0]=10
70
100
130
μA
ISEL[1:0]=11
1�0
�00
��0
μA
VSCOM
VDD/� Vo�tage for LCD COM Port �.�V~5.5V No �oad
0.�75
0.500
0.5�5
VDD
Power on Reset Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Start Vo�tage to Ens�re Power-on Reset
—
—
—
—
100
mV
RRPOR
VDD Rising Rate to Ens�re Power-on Reset
—
—
0.035
—
—
V/ms
tPOR
Minim�m Time for VDD Sta�s at VPOR to
Ens�re Power-on Reset
—
—
1
—
—
ms
VDD
tPOR
RRPOR
VPOR
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com