Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7963 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7963
Description  LED Backlight Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7963 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7963 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev. 1.00
5
August 14, 2015
HT7963
Thermal Shutdown
Athermalshutdownfunctionisimplementedto
preventdamageduetoexcessiveheatandpower
dissipation.Typicallythethermalshutdownthreshold
is150°C.Whenthethermalshutdownistriggered
thedevicestopsswitchinguntilthetemperaturefalls
belowatypicaltemperatureof125°C,afterwhichthe
devicewillagainbeginoperation.
Component Selection Guide
Inductor
The selected inductor should have a saturation
currentthatmeetsthemaximumpeakcurrentofthe
converter.Anotherimportantinductorparameteris
thedcresistance.Lowerdcresistancevaluesresultsin
higherconverterefficiencies.Formostapplications,
theinductorvaluecanbeobtainedasbelow.
L=
VIN×(VOUT-VIN)
∆IL×fSW×VOUT
Ahighervalueofripplecurrentreducestheinduc-
tancevalue,butincreasestheconductanceloss,core
lossandcurrentstressfortheinductorandswitching
devices.Asuggestedchoiceisfortheinductorripple
currenttobe30%ofthemaximumloadcurrent.This
requiresthattheinductorsaturationcurrentbeabove
IL(PEAK).
IIN(MAX)=
VOUT×IOUT(MAX)
VIN×η
∆IL=30%×IIN(MAX)
IL(PEAK)=IIN(MAX)+12∆IL
IOUT(MAX)isthemaximumloadcurrent,ΔIListhepeak-
to-peakinductorripplecurrent,ηistheconverteref-
ficiency,fSWistheswitchingfrequencyandIL(PEAK)is
thepeakinductorcurrent.
Schottky Diode
ItisrecommendedtouseaSchottkydiodewithlow
forwardvoltagetominimisethepowerdissipation
andthereforetomaximisetheconverterefficiency.
Thebreakdownvoltageratingofthediodeshouldbe
higherthanthemaximumoutputvoltage.Theaverage
andpeakcurrentratingmustbegreaterthanthe
maximumoutputcurrentandpeakinductorcurrentto
ensurethebestreliabilityinmostapplications.
MOSFET
ItisrecommendedtouseaMOSFETwithsmallon
resistancetominimisethepowerdissipationandthere-
sethepowerdissipationandthere-
ethepowerdissipationandthere-
dissipationandthere-
dissipationandthere-
foretomaximisetheconverterefficiency.MOSFETs
withsmallgatecapacitancevaluesneedtobeselected
tohavehigh-speedswitching.Themaximumvoltage
ratingoftheMOSFETshouldbehigherthanthesum
ofVOUTandtherectifyingdiodeVF.Themaximum
currentratingmustbegreaterthantheovercurrent
protectionsettingandpeakinductorcurrenttoensure
thebestreliabilityinmostapplications.
Input Capacitor
A low ESR ceramic capacitor is required to be
connectedbetweentheVINandGNDpins.Use
ceramiccapacitorswithX5RorX7Rdielectricsfor
theirlowESRsandsmalltemperaturecoefficients.
Thiscapacitormustbeconnectedveryclosetothe
VINpinandtheinductorwithshorttracesforgood
noiseperformance.
Output Capacitor
AlowESRceramiccapacitorissuggestedforuse
hereasitwillresultinloweroutputripplevoltages.
Theselectionofoutputcapacitorisdrivenbythe
maximumallowableoutputvoltageripple.Aceramic
capacitorwithalowESRvaluewillprovidethe
lowestvoltagerippleandisthereforerecommended.A
capacitanceintherangeof33μFto47μFissufficient.
Capacitorvoltageratingsneedstobeselectedtohave
anadequatemarginagainstthehighestoutputvoltage.
LED Current Selection
TheLEDcurrentiscontrolledbythecurrentsense
feedbackresistorRFB,Thecurrentsensefeedbackref-
erencevoltage(VFB)is0.3V.Inordertoobtainaccu-
is0.3V.Inordertoobtainaccu-
0.3V.Inordertoobtainaccu-
V.Inordertoobtainaccu-
obtainaccu-
accu-
rateLEDcurrents,precisionresistorsarethepreferred
typewitha1%tolerance.TheLEDcurrent(ILED)can
becalculatedfromthefollowingformula.
ILED=
VFB
RFB
=
0.3V
RFB
CS Pin and FB Pin RC Filter
Whether an RC low pass filer is employed or
notdependsuponthedesignlayoutandmustbe
consideredonacase-by-casebasis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com