Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7963 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7963
Description  LED Backlight Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7963 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7963 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rev. 1.00
2
August 14, 2015
HT7963
Block Diagram
OSC
VREF
OTP
Control
Logic
EA
PWM
Comparator
Pre-Driver
Slope
Compensation
COMP
CS
OVP
GND
Soft-start
DIM
DRV
0.1V
Dimming
Control
FB
VIN
GND
VIN
GND
clamped
to 13V
OVP
OVP
OSP
OSP
6V/8.5V
IDIM
OCP
IDIM
UVLO
0.5V
UVLO
OCP
LEB
1.2V
LED Short
LED Short
0.3V
1.938V
Pin Assignment
DIM
OVP
COMP
FB
VIN
DRV
GND
CS
HT7963
8 SOP-A
1
2
3
4
8
7
6
5
Pin Description
Pin Order
Name
Type
Pin Discription
1
VIN
P
Power Supply
2
DRV
O
Boost Converter Gate Drive Output
3
GND
G
Ground Terminal
4
CS
I
Boost Converter Current Sense Input
5
FB
I
LED Current Feedback Input
6
COMP
I/O
Boost Converter Loop Compensation
7
OVP
I
Over Voltage Protection Input – setup using resistor divider
8
DIM
I
External PWM Dimming Control / Enable Control
Absolute Maximum Ratings
Parameter
Value
Unit
VIN, DRV, CS, FB and OVP
-0.3 to 33
V
GND
+/-0.3
V
DIM and COMP
-0.3 to +7.0
V
Operating Temperature Range
-40 to +85
°C
Maximum Junction Temperature
+160
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com