Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7963 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7963
Description  LED Backlight Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7963 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7963 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. 1.00
1
August 14, 2015
Rev. 1.00
PB
August 14, 2015
HT7963
LED Backlight Driver
Features
• IntegratedhighpowerboostDC-DCcontroller
• Wideinputvoltagerangefrom9Vto30V
• HighVoltageGate-DriveprovideslowerRDS(ON)
andhigherefficiencies
• Dimmingfrequencyfrom100Hzto1kHz
• 0.3VLEDfeedbackcurrentsensingvoltagewith
±3%tolerance
• Deviceprotectionfeaturesinclude:
Soft-start,OCP,UVLO,OVP,OTPandoutput
shortprotection–OSP
• LEDprotection:LEDOpen/ShortProtection
• Packagetype:8-pinSOP
Applications
• LEDBacklightingforLCDTV/Monitor
• LEDlighting
General Description
TheHT7963isahighefficiencyboostconverterwith
afixedoscillatorfrequencyforLEDbacklightingand
LEDlightingapplication.ThewhiteLEDcurrentis
setupusinganexternalcurrentsettingresistor,which
hasalowfeed-backvoltageofonly0.3V.TheDIM
inputallowsawiderangeofdimmingcontrolforLED
backlightingorLEDlighting.Thedeviceoffersafull
rangeofprotectionfunctionssuchaspowerMOSFET
overcurrentprotection(OCP),ICpowersupplyunder
voltagelockout(UVLO),over-voltageprotection
(OVP),outputvoltageshortcircuitprotection(OSP)
andovertemperatureprotection(OTP).
Typical Application Circuit
DIM
GND
CS
OVP
DRV
FB
COMP
VIN
1
8
6
3
2
4
7
5
HT7963
VIN = 12V~24V
220uF
L
47uH
CIN
RC
47KΩ
RCS
D1
47uF
COUT
RFB
VOUT
optional
R1
100Ω
470pF
CFB
optional
100Ω
51Ω
0.1uF
CC
33nF
10kΩ
10pF
PWM
0.3V
ILED=
RFB
R2
Note:TheVOUT/VINratioissuggestedtobelowerthan5togainbetterdimminglinearity.


Similar Part No. - HT7963

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT7913E HOTCHIP-HT7913E Datasheet
983Kb / 6P
A linear charging model in the built-in maximum 1 A linear charging mode
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
December 28, 2009
HT7936A HOLTEK-HT7936A Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
HT7936A HOLTEK-HT7936A_10 Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
HT7936A HOLTEK-HT7936A_16 Datasheet
1Mb / 15P
White LED Step-up Charge Pump Converter
June 25, 2016
More results

Similar Description - HT7963

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
Backlight LED Boost Driver
August, 2003 ??Rev. 4
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
Backlight LED Boost Driver
April, 2006 ??Rev. 7
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
RGB Backlight LED Driver
logo
NXP Semiconductors
UBA3070 NXP-UBA3070 Datasheet
78Kb / 13P
LED backlight driver IC
Rev. 02-2 December 2008
logo
Integrated Silicon Solu...
IS31BL3229 ISSI-IS31BL3229 Datasheet
347Kb / 11P
8-LED BACKLIGHT DRIVER
logo
ON Semiconductor
NCS29001 ONSEMI-NCS29001 Datasheet
208Kb / 16P
LED Backlight Driver
October, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
LED Backlight Driver
Rev 0; 9/14
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
LED Backlight Driver
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
LED Backlight Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com