Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7963 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7963
Description  LED Backlight Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7963 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7963 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev. 1.00
4
August 14, 2015
HT7963
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
THSHD_HYS Hysteretic Temperature
30
°C
LED Output Current
VFB
Current Feedback Sensing Voltage
VFB
0.3
V
ERRFB
Tolerance of VFB
-3.0
+3.0
%
DIM
IOUT
50ms, TSHD
Shutdowm mode
30ms
TRT
Figure1
Functional Description
General Operation
ThedeviceisanLEDdriveroperatingasaDC-
DCboostconverterinaconstantfrequencymode.
Itimplementsapeakcurrentmodecontrolandhas
aninternalamplifiertoaccuratelycontroltheoutput
currentoverconditionsofwideinputvoltageand
varyingload.
Soft Start – SS
Thedevicehasdedicatedprotectioncircuitryrunning
duringnormaloperation.TheSoftStartfunctionis
settohaveaninternaltimeofaround5msandisused
topreventalargeinrushcurrentduringthepower-on
period.
Output Gate Drive Stage
ACMOSbufferoutputstageisincludedtodrive
apowerMOSFETdirectly.Theoutputvoltageis
clampedat13VtoprotecttheMOSFETgateeven
whentheVCCvoltageishigherthan13V.
Input Under Voltage Lockout – UVLO
Thedevicecontainsaninputunder-voltagelockout
circuit.ThepurposeoftheUVLOcircuitistoensure
thattheinputvoltageishighenoughforreliableop-
eration.Whentheinputvoltagefallsbelowtheunder
voltagethreshold,theexternalFETswitchisswitched
off.Iftheinputvoltagerisesbeyondtheundervolt-
beyondtheundervolt-
theundervolt-
agelockouthysteresisvalue,thedevicewillrestart.
TheUVLOthresholdissetbelowtheminimuminput
voltageof6VtoavoidanytransientVINdropsunder
theUVLOthresholdwhichmaycausetheconverter
toswitchoff.
Current Limiting
Thedevicehasacycle-by-cyclecurrentlimittoprotect
theexternalpowerMOSFET.Iftheinductorcurrent
reachesthecurrentlimitthreshold,whichiswhen
theCSpinvoltageisgreaterthan0.5V,theexternal
MOSFETwillbeswitchedoff.TheRcsvaluecanbe
calculatedfromthefollowingformula:
ILIMIT=0.5V
RCS
Dimming Control
TheLEDbrightnesscontrolisimplementedusinga
PWMsignalontheDIMpin.ThePWMdutycycle
isproportionaltothedimmingvalue.Thedevice
canapplyanexternalPWMsignalontheDIMpin
withafrequencyrangefrom100Hzto1kHzwiththe
requiredhigh/lowratio.
Output Over Voltage Protection – OVP
Thedeviceincludesanover-voltageprotectionfunc-
includesanover-voltageprotectionfunc-
anover-voltageprotectionfunc-
over-voltageprotectionfunc-
over-voltageprotectionfunc-
tion.Inabnormalconditions,theoutputvoltagemay
exceeditsmaximumvoltagerating,possiblydamag-
ingexternalcomponentsandtheLEDs.Protection
circuitryturnsoffthepowerMOSFETandshuts
downthedeviceassoonastheoutputvoltageexceeds
theVOVPthreshold.Asaresult,theoutputvoltagefalls
totheleveloftheinputsupplyvoltage.Thedevice
remainsintheshutdownmodeuntilthepowerisre-
theshutdownmodeuntilthepowerisre-
shutdownmodeuntilthepowerisre-
cycled.TheVOUT_OVPvaluecanbecalculatedfromthe
followingformula:
VOUT_OVP=1.938V×R
1
+R2
R2
Output Short Protection – OSP
Anoutputshortconditionisdetectedbythevoltage
onpinOVP.Intheperiodduringthefault,ifthe
voltageontheOVPpindropsbylessthanathreshold
ofaround0.1V,thentheoutputshortprotectionwill
beactivatedandthepowerMOSFETwillbeswitched
off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com