Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7963 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT7963
Description  LED Backlight Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7963 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT7963 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Rev. 1.00
8
August 14, 2015
HT7963
Dimming Linearity
Fig.8 VIN=12V, LED=16S5P, VOUT=44.5V, IOUT=453mA,
COUT=47μF, POUT=20W (Ta=25°C)
Fig.10 VIN=24V, LED=30S5P, VOUT=81.5V, IOUT=245mA,
COUT=47μF, POUT=20W (Ta=25°C)
Fig.12 VIN=30V, LED=40S5P, VOUT=106.8V,
IOUT=188mA, COUT=47μF, POUT=20W (Ta=25°C)
Fig.9 VIN=12V, LED=16S5P, VOUT=45.8V, IOUT=719mA,
COUT=47μF, POUT=33W (Ta=25°C)
Fig.11 VIN=24V, LED=30S5P, VOUT=84.3V, IOUT=602mA,
COUT=47μF, POUT=50W (Ta=25°C)
Fig.13 VIN=30V, LED=40S5P, VOUT=110.5V,
IOUT=451mA, COUT=47μF, POUT=50W (Ta=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com