Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7963 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7963
Description  LED Backlight Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7963 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7963 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7963 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev. 1.00
3
August 14, 2015
HT7963
Recommended Operating Range
Parameter
Value
Unit
VIN
9~30
V
CS, OVP and FB
≤30
V
DRV (Internal Voltage Clamped)
13
V
DIM and COMP
0~5.5
V
Dimming Frequency
DC to 1000
Hz
Dimming Duty Cycle
1 to 100
%
Operating Junction Temperature
≤125
°C
NotethatAbsoluteMaximumRatingsindicatelimitationsbeyondwhichdamagetothedevicemayoccur.
RecommendedOperatingRatingsindicateconditionsforwhichthedeviceisintendedtobefunctional,butdonot
guaranteespecifiedperformancelimits.
Electrical Characteristics
VIN=12V and Ta=25˚C, unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VIN
Input Voltage
VIN
9
30
V
ICC1
Operating Current
DIM=5V
2.5
3
mA
ICC2
Standby Current
DIM=0V
500
650
μA
ISHD
Shutdown Current
DIM=0V, over 50ms
35
50
μA
Dimming
VDIM_LH
DIM High Threshold
VIN=9V to 30V
2.4
V
VDIM_HL
DIM Low Threshold
VIN=9V to 30V
0.6
V
RPD_DIM
DIM Internal Pull Down Resistance
500
fDIM
Dimming Frequency
DIM pin
100
1000
Hz
fDUTY
Dimming Duty Cycle
DIM pin
0
100
%
TSHD
Shutdown Mode Entry Period
DIM=0V (Figure1)
50
ms
TRT
Recovery Time from Shutdown Mode
DIM from "L" to "H" (Figure1)
30
ms
Boost Converter
fSW
Switching Frequency
175
200
225
kHz
DMAX
Maximum Duty Cycle
95
97.5
%
VDRV(CLAMP) DRV Clamp Voltage
VIN=24V
13
14.5
V
tr_DRV
DRV Rise Time
C=0.5nF
40
ns
tf_DRV
DRV Falling Time
C=0.5nF
20
ns
tLEB
LEB Time of Current Sense
Lead-Edge Blanking
200
ns
Protections
SRSS
Soft Start Slope
SS
200
mV/ms
VOVP
Output Over Voltage Detect Threshold VOVP
1.938
V
ERROVP
Tolerance of VOVP
-5.0
+5.0
%
VUVLO+
Input Supply Turn ON Level
UVLO (on)
8.5
V
VUVLO–
Input Supply Turn OFF Level
UVLO (off)
6
V
VOSP
Output Short Circuit Threshold
OSP
0.05
0.1
V
VOCP
Over Current Protection Threshold
OCP, V(CS)
0.5
0.65
V
VSHORT
LED Short Protection Threshold
LED Short, V(FB)
1.2
1.56
V
VSHORT_HYS LED Short Protection Hysteresis
70
mV
THSHD
Thermal Shutdown
OTP
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com