Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8233 Datasheet(PDF) 67 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 63Page - Cirrus Logic WM8233 Datasheet HTML 64Page - Cirrus Logic WM8233 Datasheet HTML 65Page - Cirrus Logic WM8233 Datasheet HTML 66Page - Cirrus Logic WM8233 Datasheet HTML 67Page - Cirrus Logic WM8233 Datasheet HTML 68Page - Cirrus Logic WM8233 Datasheet HTML 69Page - Cirrus Logic WM8233 Datasheet HTML 70Page - Cirrus Logic WM8233 Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 146 page
background image
WM8233
Rev 4.7
67
REG
NAME
7
6
5
4
3
2
1
0
DEFAULT
R289 (121h) Polarity setting of P2 3
POL23_PO2
POL22_PO2
POL21_PO2
POL20_PO2
POL19_PO2
POL18_PO2
POL17_PO2
POL16_PO2
00h
R290 (122h) Polarity setting of P2 4
POL31_PO2
POL30_PO2
POL29_PO2
POL28_PO2
POL27_PO2
POL26_PO2
POL25_PO2
POL24_PO2
00h
R291 (123h) Polarity setting of P3 1
POL7_PO3
POL6_PO3
POL5_PO3
POL4_PO3
POL3_PO3
POL2_PO3
POL1_PO3
POL0_PO3
00h
R292 (124h) Polarity setting of P3 2
POL15_PO3
POL14_PO3
POL13_PO3
POL12_PO3
POL11_PO3
POL10_PO3
POL9_PO3
POL8_PO3
00h
R293 (125h) Polarity setting of P3 3
POL23_PO3
POL22_PO3
POL21_PO3
POL20_PO3
POL19_PO3
POL18_PO3
POL17_PO3
POL16_PO3
00h
R294 (126h) Polarity setting of P3 4
POL31_PO3
POL30_PO3
POL29_PO3
POL28_PO3
POL27_PO3
POL26_PO3
POL25_PO3
POL24_PO3
00h
R295 (127h) Polarity setting of P4 1
POL7_PO4
POL6_PO4
POL5_PO4
POL4_PO4
POL3_PO4
POL2_PO4
POL1_PO4
POL0_PO4
00h
R296 (128h) Polarity setting of P4 2
POL15_PO4
POL14_PO4
POL13_PO4
POL12_PO4
POL11_PO4
POL10_PO4
POL9_PO4
POL8_PO4
00h
R297 (129h) Polarity setting of P4 3
POL23_PO4
POL22_PO4
POL21_PO4
POL20_PO4
POL19_PO4
POL18_PO4
POL17_PO4
POL16_PO4
00h
R298 (12Ah) Polarity setting of P4 4
POL31_PO4
POL30_PO4
POL29_PO4
POL28_PO4
POL27_PO4
POL26_PO4
POL25_PO4
POL24_PO4
00h
R299 (12Bh) Polarity setting of P5 1
POL7_PO5
POL6_PO5
POL5_PO5
POL4_PO5
POL3_PO5
POL2_PO5
POL1_PO5
POL0_PO5
00h
R300 (12Ch) Polarity setting of P5 2
POL15_PO5
POL14_PO5
POL13_PO5
POL12_PO5
POL11_PO5
POL10_PO5
POL9_PO5
POL8_PO5
00h
R301 (12Dh) Polarity setting of P5 3
POL23_PO5
POL22_PO5
POL21_PO5
POL20_PO5
POL19_PO5
POL18_PO5
POL17_PO5
POL16_PO5
00h
R302 (12Eh) Polarity setting of P5 4
POL31_PO5
POL30_PO5
POL29_PO5
POL28_PO5
POL27_PO5
POL26_PO5
POL25_PO5
POL24_PO5
00h
R303 (12Fh) Polarity setting of P6 1
POL7_PO6
POL6_PO6
POL5_PO6
POL4_PO6
POL3_PO6
POL2_PO6
POL1_PO6
POL0_PO6
00h
R304 (130h) Polarity setting of P6 2
POL15_PO6
POL14_PO6
POL13_PO6
POL12_PO6
POL11_PO6
POL10_PO6
POL9_PO6
POL8_PO6
00h
R305 (131h) Polarity setting of P6 3
POL23_PO6
POL22_PO6
POL21_PO6
POL20_PO6
POL19_PO6
POL18_PO6
POL17_PO6
POL16_PO6
00h
R306 (132h) Polarity setting of P6 4
POL31_PO6
POL30_PO6
POL29_PO6
POL28_PO6
POL27_PO6
POL26_PO6
POL25_PO6
POL24_PO6
00h
R307 (133h) Polarity setting of P7 1
POL7_PO7
POL6_PO7
POL5_PO7
POL4_PO7
POL3_PO7
POL2_PO7
POL1_PO7
POL0_PO7
00h
R308 (134h) Polarity setting of P7 2
POL15_PO7
POL14_PO7
POL13_PO7
POL12_PO7
POL11_PO7
POL10_PO7
POL9_PO7
POL8_PO7
00h
R309 (135h) Polarity setting of P7 3
POL23_PO7
POL22_PO7
POL21_PO7
POL20_PO7
POL19_PO7
POL18_PO7
POL17_PO7
POL16_PO7
00h
R310 (136h) Polarity setting of P7 4
POL31_PO7
POL30_PO7
POL29_PO7
POL28_PO7
POL27_PO7
POL26_PO7
POL25_PO7
POL24_PO7
00h
EXTENDED PAGE REGISTERS
R432 (1B0h) User access control
0
0
0
0
0
0
0
USER_KEY
00h
R436 (1B4h) LDO2 control
0
0
0
LDO2 VSEL
10h
R448 (1C0h) USER_KEY2
0
0
0
0
0
0
0
USER_KEY2
00h
R459 (1CBh) Comp control
0
0
0
0
0
0
PT_COMP[1:0]
01h
Notes:
1.
To change the LDO2 control
, the USER_KEY bit must be set to ‘1’.
2.
If it’s not required to change the LDO2 voltage, these registers must be set as default.
3.
To change the Comp control, the USER_KEY2 bit must be set to ‘1’.
4.
If it’s not required to change this register, must be set as default.
REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R0 (00h)
Software
Reset
/Chip ID 1
7:0
SW_RESET
_CHIP_ID[7:0]
0011_0011
A write issues a software reset, and returns all control
registers to their default values.
A read returns lower bits of the device ID
Register 00h Software Reset/Chip ID 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1 (01h)
Chip ID 2
7:0
CHIP_ID[7:0]
1000_0010
A read returns upper bits of the device ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com