Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8233 Datasheet(PDF) 32 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 28Page - Cirrus Logic WM8233 Datasheet HTML 29Page - Cirrus Logic WM8233 Datasheet HTML 30Page - Cirrus Logic WM8233 Datasheet HTML 31Page - Cirrus Logic WM8233 Datasheet HTML 32Page - Cirrus Logic WM8233 Datasheet HTML 33Page - Cirrus Logic WM8233 Datasheet HTML 34Page - Cirrus Logic WM8233 Datasheet HTML 35Page - Cirrus Logic WM8233 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 146 page
background image
WM8233
32
Rev 4.7
MCLK (input)
DLL TAP
tPER
tPER/60
0 1 2
30
tMCLKD
59
0 1
59
7
RSMP
16
28
41
57
11
57
VSMP
CLK1
Tap 0
Tap 0
Figure 17 Clock Timing Configuration
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R130 (82h) RSMP
rise
5:0
RSMP_RISE
[5:0]
01_1100
RSMP rise edge
R131 (83h) RSMP
fall
5:0
RSMP_FALL
[5:0]
10_0110
RSMP fall edge
R132 (84h)
VSMP rise
5:0
VSMP_RISE
[5:0]
11_0111
VSMP rise edge
R133 (85h)
VSMP fall
5:0
VSMP_FALL
[5:0]
00_1000
VSMP fall edge
R134 (86h)
TGCKO rise
5:0
TCLKO_RISE
[5:0]
11_0111
TCLKO rise edge
R135 (87h)
CLK1 rise
5:0
CLK1_RISE[5:0]
00_1010
CLK1 rise edge
R136 (88h)
CLK1 fall
5:0
CLK1_FALL[5:0]
01_1001
CLK1 fall edge
R137 (89h)
CLK2 rise
5:0
CLK2_RISE[5:0]
01_1001
CLK2 rise edge
R138 (8Ah)
CLK2fall
5:0
CLK2_FALL[5:0]
10_1000
CLK2 fall edge
R139 (8Bh)
CLK3 rise
5:0
CLK3_RISE[5:0]
10_1000
CLK3 rise edge
R140 (8Ch)
CLK3 fall
5:0
CLK3_FALL[5:0]
00_1010
CLK3 fall edge
R141 (8Dh)
CLK4 rise
5:0
CLK4_RISE[5:0]
00_0000
CLK4 rise edge
R143 (8Fh)
CLK5 rise
5:0
CLK5_RISE[5:0]
00_1010
CLK5 rise edge
R144 (90h)
CLK5 fall
5:0
CLK5_FALL[5:0]
10_1000
CLK5 fall edge
R145 (91h)
CLK6 rise
5:0
CLK6_RISE[5:0]
00_1010
CLK6 rise edge
R146 (92h)
CLK6 fall
5:0
CLK6_FALL[5:0]
10_1000
CLK6 fall edge
SENSOR TIMING GENERATION
The WM8233 provides two types of clock internally. C_CK* are high speed clocks, these clocks can
set the clock phase by using fine pitch phase control. P_CK* are pixel rate signals which is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com