Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8233 Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 9Page - Cirrus Logic WM8233 Datasheet HTML 10Page - Cirrus Logic WM8233 Datasheet HTML 11Page - Cirrus Logic WM8233 Datasheet HTML 12Page - Cirrus Logic WM8233 Datasheet HTML 13Page - Cirrus Logic WM8233 Datasheet HTML 14Page - Cirrus Logic WM8233 Datasheet HTML 15Page - Cirrus Logic WM8233 Datasheet HTML 16Page - Cirrus Logic WM8233 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 146 page
background image
WM8233
Rev 4.7
13
REGISTER WRITE
Figure 4 shows the sequence of operations for performing a register write. Three pins, SCK, SDI and
SEN are used for the control interface. A 16-bit address (R/W, CS0, CS1, CS2, A11 to A0) is clocked
in through SDI, MSB first, followed by an 8-bit data word (b7 to b0), also MSB first. Setting address bit
R/W to 0 indicates that the operation is a register write. The device ID bits (CS0 and CS1) indicate
which device is being written to on a shared control bus. A register write with CS2 set to 1 writes data
to all devices on the common bus. Each bit is latched on the rising edge of SCK. When the data has
been shifted into the device, a rising edge on the SEN pin transfers the data to the appropriate internal
register.
CS2
CS1
(DSLCT2)
CS0
(DSLCT1)
DESCRIPTION
0
ID[1:0]
Indicated a device to write data
1
X
X
Writes data to all devices
Table 3 Device Identification
CS2
CS0
A2
A1
SDI
SCK
12-bit Control register address
8-bit control register data
A0
B7
B6
B5
B0
B2
B1
0
SEN
A11
CS1
CS0
3bit device ID
R/W
Figure 4 Serial Interface Register Write
REGISTER READ-BACK
Figure 5 shows register read-back in serial mode. Read-back is initiated by writing to the serial bus as
described above but with address bit R/W set to 1, followed by an 8-bit dummy data word. Writing
address (A11 to A0) will cause the contents (B7 to B0) of corresponding register in the addressed
device to be output MSB first on pin SDO (on the following edge of SCK). In this mode, the CS2
register should be set to 0.
0
CS0
A2
A1
SDI
SCK
12-bit Read back register address
8-bit outputl register data
SDO
A0
X
X
X
X
X
X
B7
B6
B5
B0
B2
B1
1
SEN
Hi-Z
Hi-Z
A11
CS1
CS0
3bit device ID
X: Don’t care
R/W
Figure 5 Serial Interface Register Read-back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com