Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8233 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 17Page - Cirrus Logic WM8233 Datasheet HTML 18Page - Cirrus Logic WM8233 Datasheet HTML 19Page - Cirrus Logic WM8233 Datasheet HTML 20Page - Cirrus Logic WM8233 Datasheet HTML 21Page - Cirrus Logic WM8233 Datasheet HTML 22Page - Cirrus Logic WM8233 Datasheet HTML 23Page - Cirrus Logic WM8233 Datasheet HTML 24Page - Cirrus Logic WM8233 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 146 page
background image
WM8233
Rev 4.7
21
OVERALL SIGNAL FLOW SUMMARY
Figure 16 represents the processing of the video signal through the WM8233.
VRESET
VVRLC
V3
CDS = 1
CDS = 0
VRLCEN=0
250mV*(DAC[7:0]-127.5)/127.5
analog
-
X
+
See parametrics for
DAC voltages.
D1
digital
ADC BLOCK
PGA
BLOCK
OFFSET DAC
BLOCK
INPUT
SAMPLING
BLOCK
VIN is IN*
VRESET is VIN sampled during reset clamp
VRLC is voltage applied to VRLC/VBIAS pin
VIN
APGA gain
A= 0.6+0.3*AGAIN[4:0]
INPUT
INVERT
BLOCK
V1=V1 if PGAFS = 1
V1= -V1 if PGAFS = 0
Offset
DAC
RLC
DAC
+
V2
V1
VRLCEN=1
-
16bits
Figure 16 Overall Signal Flow
The INPUT SAMPLING BLOCK produces an effective input voltage V1. For CDS, this is the
difference between the input video level VIN and the input reset level VRESET. For non-CDS this is the
difference between the input video level VIN and the voltage on the VRLC/VBIAS pin, VVRLC, optionally
set via the RLC DAC.
The OFFSET DAC BLOCK then adds the amount of fine offset adjustment required to move the black
level of the input signal towards 0V, producing V2.
The PGA BLOCK then amplifies the white level of the input signal to maximise the ADC range,
outputting voltage V3.
The ADC BLOCK then converts the analogue signal, V3, to a 16-bit unsigned digital output, D1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com