Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8233 Datasheet(PDF) 89 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 89 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 85Page - Cirrus Logic WM8233 Datasheet HTML 86Page - Cirrus Logic WM8233 Datasheet HTML 87Page - Cirrus Logic WM8233 Datasheet HTML 88Page - Cirrus Logic WM8233 Datasheet HTML 89Page - Cirrus Logic WM8233 Datasheet HTML 90Page - Cirrus Logic WM8233 Datasheet HTML 91Page - Cirrus Logic WM8233 Datasheet HTML 92Page - Cirrus Logic WM8233 Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 146 page
background image
WM8233
Rev 4.7
89
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
AGC
peak level
IN2 LSB
[7:0]
Register 6Fh AGC peak level IN2 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R112 (70h)
AGC
peak level
IN2 MSB
1:0
PEAK_IN2
[9:8]
00
MSBs of detected peak level of IN2 (Read Only)
Register 70h AGC peak level IN2 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R115 (73h)
AGC
peak level
IN3 LSB
7:0
PEAK_IN3
[7:0]
0000_0000
LSBs of detected peak level of IN3 (Read Only)
Register 73h AGC peak level IN3 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R116 (74h)
AGC
peak level
IN3 MSB
1:0
PEAK_IN3
[9:8]
00
MSBs of detected peak level of IN3 (Read Only)
Register 74h AGC peak level IN3 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R117 (75h)
AGC
peak level
IN4 LSB
7:0
PEAK_IN4
[7:0]
0000_0000
LSBs of detected peak level of IN4 (Read Only)
Register 75h AGC peak level IN4 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R118 (76h)
AGC
peak level
IN4 MSB
1:0
PEAK_IN4
[9:8]
00
MSBs of detected peak level of IN4 (Read Only)
Register 76h AGC peak level IN4 MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com