Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8233 Datasheet(PDF) 35 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 31Page - Cirrus Logic WM8233 Datasheet HTML 32Page - Cirrus Logic WM8233 Datasheet HTML 33Page - Cirrus Logic WM8233 Datasheet HTML 34Page - Cirrus Logic WM8233 Datasheet HTML 35Page - Cirrus Logic WM8233 Datasheet HTML 36Page - Cirrus Logic WM8233 Datasheet HTML 37Page - Cirrus Logic WM8233 Datasheet HTML 38Page - Cirrus Logic WM8233 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 146 page
background image
WM8233
Rev 4.7
35
Test Conditions
AVDD = LDOVDD = DBVDD = 3.3V, AGND = LDOGND = DBGND= 0V, TA = 25C, MCLK= 35MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TGSYNC Setup time
(only for slave mode)
tSCKSY
tPER / 4
tPER / 2
3 * tPER / 4
ns
Pixel counter start timing
(only for slave mode)
tCOUNTD
2
clock
TGSYNC high period
(only for slave mode)
tSYH
1
clock
TGSYNC low period
(only for slave mode)
tSYL
1
clock
Data trigger timing delay
tTRIGD
LVDS 10-bit 5pair mode
14
clock
Other output mode
13
clock
TG pulse output timing delay
tPCKD
2
clock
Note:
1clock = tPER (MCLK cycle period)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R160 (A0h)
7:4
OFFSET[3:0]
0000
offset count (only for slave mode)
2
POLSYNC
0
polarity of Sync signal
0 = POSITIVE EDGE, 1 = NEGATIVE EDGE
1
TGMD
0
TG operation mode
0 = SLAVE, 1 = MASTER
0
TG_EN
0
TG enable
0 = DISABLE, 1 = ENABLE
R161 (A1h)
7:0
LLENGTH[7:0]
0000_0000
the number of pixels in 1line (only for master mode)
R162 (A2h)
6:0
LLENGTH[6:0]
000_0000
the number of pixels in 1line (only for master mode)
TG PULSE AND TRIGGER DATA
C_CK1
C_CK2
VSMP
TGCK
pixcnt
High@TP1
TP1
TP2
TP1
TP2
TP4
Low@TP2
High@TP4
TP4
TP6
TP5
Low@TP5
TP3
High@TP3
TP3
TP3
Low@TP3
High@TP4
TP4
TP6
Low@TP6
TP5
FLUGPIX
DataTrig
(FLUGPIX is selected )
Datatrig_out
(FLUGPIX is selected )
DataTrig
(P_CK1 is Selectd )
DataTrig
(P_CK1 is Selectd )
P_CK1
(Selected from P0-P7)
tTRIGD
tTRIGD
tTRIGD
TP3
P_CK2
(Selected from P0-P7)
P_CK3
(Selected from P0-P7)
Figure 21 TG Pulse Toggle Setting and Data Trigger Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com