Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPDF478A02 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # GPDF478A02
Description  Embedded 47.5*47.5*8mm GPS L1/L2 Low Profile Stacked Patch Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GPDF478A02 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  GPDF478A02 Datasheet HTML 1Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 2Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 3Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 4Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 5Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 6Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 7Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 8Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SPE-16-08-044/A/WY
Page 1 of 19
SPECIFICATION
Patent Pending
Part No:
GPDF.47.8.A.02
Product Name:
Embedded 47.5*47.5*8mm GPS L1/L2
Low Profile Stacked Patch Antenna
Features:
Highest Accuracy, Lowest Profile Low Axial Ratio
Wideband GNSS Antenna
GPS L1+L2 Band Operation
Dual Feed Patch Assembly - use with Hybrid Couplers
L1:1575MHz; Axial Ratio 1.9 @1575.42 MHz
L2:1227MHz Axial Ratio 2.19@1227.6MHz
47.7*47.7*8mm
Tuned for Centre Positioning on a 70mm x 70mm Ground-plane
Through–Hole Mounting Pin Type
RoHS Compliant


Similar Part No. - GPDF478A02

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
GPDF.47.8.A.021 TAOGLAS-GPDF.47.8.A.021 Datasheet
1Mb / 19P
Highest Accuracy, Lowest Profile Low Axial Ratio
GPDF254.A TAOGLAS-GPDF254.A Datasheet
1Mb / 25P
Passive Dual Pin GNSS Patch Antenna
Revision: B 2023-02-21
GPDF5012.A TAOGLAS-GPDF5012.A Datasheet
3Mb / 30P
Multiband High Precision GNSS Stacked Patch Antenna
Revision: E 2023-07-25
More results

Similar Description - GPDF478A02

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXTXGPS-L1L2 AAC-JXTXGPS-L1L2 Datasheet
143Kb / 1P
GPS L1/L2 Survey Antenna
JXTXGPS-L1L2-GN AAC-JXTXGPS-L1L2-GN Datasheet
111Kb / 1P
GPS & GNSS L1/L2 Antenna
logo
Taoglas antenna solutio...
GPSF.36.7.A.30 TAOGLAS-GPSF.36.7.A.30 Datasheet
666Kb / 13P
GPS L1/L2 36mm Single Feed Stacked Patch Passive Antenna Low AR
logo
Tallysman Wireless Inc.
TW1010 TALLYSMAN-TW1010 Datasheet
196Kb / 2P
Embedded GPS L1 Antenna
logo
Molex Electronics Ltd.
2122030001 MOLEX-2122030001 Datasheet
41Kb / 1P
GPS L1/L5 25.00mm Stacked Patch Antenna
2136020001 MOLEX-2136020001 Datasheet
39Kb / 1P
GPS L1/L2 and Glonass 36.00mm Stacked Patch Single Feed Antenna
logo
Maxtena Inc.
M1227HCT-A2-SMA MAXTENA-M1227HCT-A2-SMA Datasheet
265Kb / 1P
RUGGED L1/L2 GPS GLONASS ACTIVE ANTENNA
Rev 1.2
logo
Linx Technologies
ANT-GNCP-TH25AL12 LINX-ANT-GNCP-TH25AL12 Datasheet
1Mb / 14P
L1/L2 Ceramic Patch GNSS Antenna
2021
logo
Maxtena Inc.
M1227HCT-SMA-GN MAXTENA-M1227HCT-SMA-GN Datasheet
1Mb / 3P
L1/L2 GPS GLONASS ACTIVE ANTENNA
REV 2
M1227HCT-TNC-G MAXTENA-M1227HCT-TNC-G Datasheet
687Kb / 3P
L1/L2 GPS GLONASS ACTIVE ANTENNA
REV A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com