Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPDF478A02 Datasheet(PDF) 14 Page - Taoglas antenna solutions

Part # GPDF478A02
Description  Embedded 47.5*47.5*8mm GPS L1/L2 Low Profile Stacked Patch Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GPDF478A02 Datasheet(HTML) 14 Page - Taoglas antenna solutions

Back Button GPDF478A02 Datasheet HTML 10Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 11Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 12Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 13Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 14Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 15Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 16Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 17Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 18Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
SPE-16-08-044/A/WY
Page 14 of 19
7. PCB Footprint & Application Recommendations
Traditional single-pin GPS patch antennas generate circular polarization by creating two
orthogonal field modes within the patch, one lagging in phase by 90° compared to the other.
These orthogonal modes are created by a number of means, including chamfering the patch and
offsetting the feed (pin) location. This function provides an excellent axial ratio (a measure of
circular polarization purity), but the axial ratio bandwidth tends to be lower than the impedance
or efficiency bandwidth of the antenna.
Dual-feed patch antennas, on the other hand, create circular polarization through what is perhaps
a more straightforward approach. Rather than using the aforementioned techniques to create the
required orthogonal modes, two separate feeds are instead used. Each feed creates a mode, and
the feeds are placed such that the modes are orthogonal. A 90° phase shift is applied externally
to one feed to fully realize circular polarization.
The advantage of this dual-feed structure is that the axial ratio bandwidth tends to be much
wider than for a comparable single-feed patch. This can yield improvements in interference and
multipath rejection for GLONASS and Beidou, and be more resilient to detuning the axial ratio.
The GPDF.47.A dual-band L1+L2 dual-feed patch antennas are created to realize these benefits.
However, there are a few key items to control when it comes to verifying the implementation of
this antenna:
1. Ground plane: the antenna needs to be placed on at least a 50*50mm ground plane.
2. Placement: center the antenna on the ground plane to minimizing detuning.
3. Feeding: the antenna uses four feed pins, two for each band (L1 and L2). Each band pair
should be fed with a hybrid coupler (Anaren XC1400P-03S) as shown below.
4. Transmission Lines: all feed lines need to be 50-ohm transmission lines. Microstrip or
Grounded Coplanar Waveguide (CPW-Ground) should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com