Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPDF478A02 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # GPDF478A02
Description  Embedded 47.5*47.5*8mm GPS L1/L2 Low Profile Stacked Patch Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GPDF478A02 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  GPDF478A02 Datasheet HTML 1Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 2Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 3Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 4Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 5Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 6Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 7Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 8Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SPE-16-08-044/A/WY
Page 2 of 19
1. Introduction
The GPDF.47.8.A.02 is a 47.5x47.5 mm ceramic GPS L1/L2 low profile, low axial ratio embedded
stacked passive patch antenna with 8 mm thickness. It is designed for highest accuracy
centimeter level tracking in telematics applications for positioning technologies.
Typical applicable industries are transportation, defense, marine, agriculture, and navigation. This
antenna exhibits excellent gain and radiation pattern stability on both L1 and L2 bands, which
leads to improved reliability of a GPS fix in areas where signal strength is poor, along with higher
accuracy positioning when used to support ionosphere error correction algorithms.
The antenna has been tuned and tested on a 70*70 mm ground plane, working at GPS
1575.42MHz and L2 1227.6MHz, with 4.23 dBi gain and 0.04 dBi gain, respectively. It can be
easily through-hole mounted on PCB via pin. The double-sided adhesive on the bottom of the
patch helps to keep it in place while undergoing mounting.
To implement the GPDF.47A dual band L1+L2 dual-feed patch antennas, the antenna ideally
needs to be placed centrally on a 70mm*70mm ground-plane. Each band pair should be fed with
a hybrid coupler (reference Anaren XC1400P-03S, link as follows):
www.anaren.com/sites/default/files/XC1400P-03%20Data%20Sheet%20Rev%20C.pdf
All feed lines need to be 50 ohm transmission lines.
For more details, please refer pages 14 for PCB footprint and application recommendation.
For further optimization to customer specific device environments, a custom tuned patch antenna
and circuit integration service into your device can be supplied, subject to NRE and MOQ. Contact
your regional Taoglas office for this requirement, and for support to integrate and test this
antenna’s performance in your device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com