Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPDF478A02 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # GPDF478A02
Description  Embedded 47.5*47.5*8mm GPS L1/L2 Low Profile Stacked Patch Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GPDF478A02 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  GPDF478A02 Datasheet HTML 1Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 2Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 3Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 4Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 5Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 6Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 7Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 8Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SPE-16-08-044/A/WY
Page 3 of 19
2. Specification
ELECTRICAL
GPS L1
GPS L2
Center Frequency
1575.42 MHz
1227.6 MHz
Return loss (dB)
Through Pin
Port 1
Port 2
Port 1
Port2
-17.77
-16.11
-25.06
-28.53
Return loss (dB)
Through Coupler
-15
-22
Efficiency (%)
67.98
33.92
Peak Gain (dBi)
4.23
0.04
Axial Ratio at Zenith
1.90
2.19
Impedance
50 Ohm
Hybrid Coupler
XC1400P-03S
Frequency
Isolation
Insertion loss
VSWR
1215-1240
23
0.23
1.17
1563-1588
23
0.32
1.20
Polarization
RHCP ( include coupler)
MECHANICAL
Ceramic Dimension
GPS L1
GPS L2
41.3*41.3*4mm
47.7*47.7*4 mm
Pin Diameter
0.85 mm
Pin Length
1.55 mm
PCB Dimension
70*70 mm
Weight
45 g
ENVIRONMENTAL
Operation Temperature
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH
Tested on square 70*70 mm ground-plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com