Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPDF478A02 Datasheet(PDF) 15 Page - Taoglas antenna solutions

Part # GPDF478A02
Description  Embedded 47.5*47.5*8mm GPS L1/L2 Low Profile Stacked Patch Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GPDF478A02 Datasheet(HTML) 15 Page - Taoglas antenna solutions

Back Button GPDF478A02 Datasheet HTML 11Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 12Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 13Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 14Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 15Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 16Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 17Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 18Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 19Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
SPE-16-08-044/A/WY
Page 15 of 19
The footprint and reference layout are provided in the figures 2 and 3, respectively. These
connections are shown schematically in Figure 1. A bill of material is presented below in Table 1.
It is critical to match the trace lengths of the 0°/90° feeds for each band, within a +/-0.5mm
tolerance. The feed lengths between bands do not need to be matched. For example, the trace
length between L1-0° and X1 pin 1 needs to be the same length (within +/-0.5mm) as the trace
length between L1-90° and X1 pin 2. But the trace length between L1-0° and X1 pin 1 does not
need to be the same as the trace length between L2-0° and X2 pin 1.
Figure 1. Schematic representation of GPDF.47.8.A.02 feed network. The pin numbers of hybrid
couplers X1 and X2 follow the manufacturer’s datasheet reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com