Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPDF478A02 Datasheet(PDF) 16 Page - Taoglas antenna solutions

Part # GPDF478A02
Description  Embedded 47.5*47.5*8mm GPS L1/L2 Low Profile Stacked Patch Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GPDF478A02 Datasheet(HTML) 16 Page - Taoglas antenna solutions

Back Button GPDF478A02 Datasheet HTML 11Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 12Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 13Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 14Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 15Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 16Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 17Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 18Page - Taoglas antenna solutions GPDF478A02 Datasheet HTML 19Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
SPE-16-08-044/A/WY
Page 16 of 19
DESIGNATORS
DESCRIPTION
MANUFACTURER
PART NUMBER
QUANTITY
X1, X2
3dB 90° Hybrid
Coupler, GPS
L1/L2
Anaren
XC1400P-03S
2
R1, R2
Resistor, 49.9
ohm, 1% , 0402
or 0603
Multiple
Multiple
2
ANT1
L1+L2 dual-feed
stacked patches
Taoglas
GPDF.47.8.A.02
1
Table 1. Bill of Material for schematic in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com