Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C66013-PVC Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 35Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 36Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 37Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 38Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 39Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 40Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 41Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 42Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 39 of 58
Bit 3 : Bus Activity
This is a “sticky” bit that indicates if any non-idle USB event has occurred on the upstream USB port. Firmware should
check and clear this bit periodically to detect any loss of bus activity. Writing a ‘0’ to the Bus Activity bit clears it, while writing
a ‘1’ preserves the current value. In other words, the firmware can clear the Bus Activity bit, but only the SIE can set it.
Bits 4 and 5 : D– Upstream and D+ Upstream
These bits give the state of each upstream port pin individually: 1 = HIGH, 0 = LOW.
Bit 6 : Endpoint Mode
This bit used to configure the number of USB endpoints. See Section 19.2 for a detailed description.
Bit 7 : Endpoint Size
This bit used to configure the number of USB endpoints. See Section 19.2 for a detailed description.
The hub generates an EOP at EOF1 in accordance with the USB 1.1 Specification, Section 11.2.2.
19.0
USB SIE Operation
The CY7C66x13 SIE supports operation as a single device or a compound device. This section describes the two device
addresses, the configurable endpoints, and the endpoint function.
19.1
USB Device Addresses
The USB Controller provides two USB Device Address Registers: A (addressed at 0x10)and B (addressed at 0x40). Upon reset
and under default conditions, Device A has three endpoints and Device B has two endpoints. The USB Device Address Register
contents are cleared during a reset, setting the USB device addresses to zero and disabling these addresses. Figure 19-1 shows
the format of the USB Address Registers.
USB Device Address (Device A, B)
ADDRESSES
0x10(A) and 0x40(B)
Bits[6..0] :Device Address
Firmware writes this bits during the USB enumeration process to the non-zero address assigned by the USB host.
Bit 7: Device Address Enable
Must be set by firmware before the SIE can respond to USB traffic to the Device Address.
19.2
USB Device Endpoints
The CY7C66x13 controller supports up to two addresses and five endpoints for communication with the host. The configuration
of these endpoints, and associated FIFOs, is controlled by bits [7,6] of the USB Status and Control Register (see Figure 18-11).
Bit 7 controls the size of the endpoints and bit 6 controls the number of addresses. These configuration options are detailed in
Table 19-1. Endpoint FIFOs are part of user RAM (as shown in Section 5.4.1).
Table 18-2. Control Bit Definition for Upstream Port
Control Bits
Control Action
000
Not Forcing (SIE Controls Driver)
001
Force D+[0] HIGH, D–[0] LOW
010
Force D+[0] LOW, D–[0] HIGH
011
Force SE0; D+[0] LOW, D–[0] LOW
100
Force D+[0] LOW, D–[0] LOW
101
Force D+[0] HiZ, D–[0] LOW
110
Force D+[0] LOW, D–[0] HiZ
111
Force D+[0] HiZ, D–[0] HiZ
Bit #
7
654
321
0
Bit Name
Device
Address
Enable
Device
Address
Bit 6
Device
Address
Bit 5
Device
Address
Bit 4
Device
Address
Bit 3
Device
Address
Bit 2
Device
Address
Bit 1
Device
Address
Bit 0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
000
000
0
Figure 19-1. USB Device Address Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com