Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C66013-PVC Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 29Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 30Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 31Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 32Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 33Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 34Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 35Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 36Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 33 of 58
16.9
I2C Interrupt
The I2C interrupt occurs after various events on the I2C-compatible bus to signal the need for firmware interaction. This generally
involves reading the I2C Status and Control Register (Figure 13-2) to determine the cause of the interrupt, loading/reading the
I2C Data Register as appropriate, and finally writing the Processor Status and Control Register (Figure 15-1) to initiate the
subsequent transaction. The interrupt indicates that status bits are stable and it is safe to read and write the I2C registers. Refer
to Section 13.0 for details on the I2C registers.
When enabled, the I2C-compatible state machines generate interrupts on completion of the following conditions. The referenced
bits are in the I2C Status and Control Register.
1. In slave receive mode, after the slave receives a byte of data: The Addr bit is set, if this is the first byte since a start or restart
signal was sent by the external master. Firmware must read or write the data register as necessary, then set the ACK, Xmit
MODE, and Continue/Busy bits appropriately for the next byte.
2. In slave receive mode, after a stop bit is detected: The Received Stop bit is set, if the stop bit follows a slave receive transaction
where the ACK bit was cleared to 0, no stop bit detection occurs.
3. In slave transmit mode, after the slave transmits a byte of data: The ACK bit indicates if the master that requested the byte
acknowledged the byte. If more bytes are to be sent, firmware writes the next byte into the Data Register and then sets the
Xmit MODE and Continue/Busy bits as required.
4. In master transmit mode, after the master sends a byte of data. Firmware should load the Data Register if necessary, and
set the Xmit MODE, MSTR MODE, and Continue/Busy bits appropriately. Clearing the MSTR MODE bit issues a stop signal
to the I2C-compatible bus and return to the idle state.
5. In master receive mode, after the master receives a byte of data: Firmware should read the data and set the ACK and
Continue/Busy bits appropriately for the next byte. Clearing the MSTR MODE bit at the same time causes the master state
machine to issue a stop signal to the I2C-compatible bus and leave the I2C-compatible hardware in the idle state.
6. When the master loses arbitration: This condition clears the MSTR MODE bit and sets the ARB Lost/Restart bit immediately
and then waits for a stop signal on the I2C-compatible bus to generate the interrupt.
The Continue/Busy bit is cleared by hardware prior to interrupt conditions 1 to 4. Once the Data Register has been read or written,
firmware should configure the other control bits and set the Continue/Busy bit for subsequent transactions. Following an interrupt
from master mode, firmware should perform only one write to the Status and Control Register that sets the Continue/Busy bit,
without checking the value of the Continue/Busy bit. The Busy bit may otherwise be active and I2C register contents may be
changed by the hardware during the transaction, until the I2C interrupt occurs.
17.0
USB Overview
The USB hardware includes a USB Hub repeater with one upstream and four downstream ports. The USB Hub repeater interfaces
to the microcontroller through a full-speed Serial Interface Engine. An external series resistor of Rext must be placed in series
with all upstream and downstream USB outputs in order to meet the USB driver requirements of the USB specification. The
CY7C66x13 microcontroller can provide the functionality of a compound device consisting of a USB hub and permanently
attached functions.
17.1
USB Serial Interface Engine
The SIE allows the CY7C66x13 microcontroller to communicate with the USB host through the USB repeater portion of the hub.
The SIE simplifies the interface between the microcontroller and USB by incorporating hardware that handles the following USB
bus activity independently of the microcontroller:
• Bit stuffing/unstuffing
• Checksum generation/checking
• ACK/NAK/STALL
• Token type identification
• Address checking.
Firmware is required to handle the following USB interface tasks:
• Coordinate enumeration by responding to SETUP packets
• Fill and empty the FIFOs
• Suspend/Resume coordination
• Verify and select DATA toggle values.
17.2
USB Enumeration
The internal hub and any compound device function are enumerated under firmware control. The hub is enumerated first, followed
by any integrated compound function. After the hub is enumerated, the USB host can read hub connection status to determine
which (if any) of the downstream ports need to be enumerated. The following is a brief summary of the typical enumeration
process of the CY7C66x13 by the USB host. For a detailed description of the enumeration process, refer to the USB specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com