Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C66013-PVC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C66013-PVC Datasheet HTML 1Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 2Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 3Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 4Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 5Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 6Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 7Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 8Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 5 of 58
LIST OF TABLES
Table 4-1. Pin Assignments .................................................................................................................. 11
Table 4-2. I/O Register Summary ......................................................................................................... 11
Table 4-3. Instruction Set Summary ..................................................................................................... 13
Table 9-1. GPIO Port Output Control Truth Table and Interrupt Polarity .............................................. 21
Table 12-1. HAPI Port Configuration .................................................................................................... 25
Table 12-2. I2C Port Configuration ........................................................................................................ 25
Table 13-1. I2C Status and Control Register Bit Definitions .................................................................. 26
Table 14-1. Port 2 Pin and HAPI Configuration Bit Definitions ............................................................. 27
Table 16-1. Interrupt Vector Assignments ............................................................................................ 31
Table 18-1. Control Bit Definition for Downstream Ports ...................................................................... 36
Table 18-2. Control Bit Definition for Upstream Port ............................................................................ 39
Table 19-1. Memory Allocation for Endpoints ..................................................................................... 40
Table 20-1. USB Register Mode Encoding ........................................................................................... 44
Table 20-2. Decode Table for Table 20-3: “Details of Modes for Differing Traffic Conditions” ............. 45
Table 20-3. Details of Modes for Differing Traffic Conditions (see Table 20-2 for the decode legend) 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com