Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C66013-PVC Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 45Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 47Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 48Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 49Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 50Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 51Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 52Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 53Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 49 of 58
0x11 EP A0 Counter
Register
Data 0/1
Toggle
Data
Valid
Byte
Count
Bit 5
Byte
Count
Bit 4
Byte
Count
Bit 3
Byte
Count
Bit 2
Byte
Count
Bit 1
Byte
Count
Bit 0
bbbbbbbb
000000
00
0x12 EP A0 Mode
Register
Endpoint
0
SETUP
Receive
d
Endpoint
0
IN
Receive
d
Endpoint
0 OUT
Receive
d
ACK
Mode Bit
3
Mode Bit
2
Mode Bit
1
Mode Bit
0
bbbbbbbb
000000
00
0x13 EP A1 Counter
Register
Data 0/1
Toggle
Data
Valid
Byte
Count
Bit 5
Byte
Count
Bit 4
Byte
Count
Bit 3
Byte
Count
Bit 2
Byte
Count
Bit 1
Byte
Count
Bit 0
bbbbbbbb
000000
00
0x14 EP A1 Mode
Register
STALL
-
-
ACK
Mode Bit
3
Mode Bit
2
Mode Bit
1
Mode Bit
0
bbbbbbbb
000000
00
0x15 EP A2 Counter
Register
Data 0/1
Toggle
Data
Valid
Byte
Count
Bit 5
Byte
Count
Bit 4
Byte
Count
Bit 3
Byte
Count
Bit 2
Byte
Count
Bit 1
Byte
Count
Bit 0
bbbbbbbb
000000
00
0x16 EP A2 Mode
Register
STALL
-
-
ACK
Mode Bit
3
Mode Bit
2
Mode Bit
1
Mode Bit
0
bbbbbbbb
000000
00
0x1F USB Status and
Control
Endpoint
Size
Endpoint
Mode
D+
Upstrea
m
D–
Upstrea
m
Bus
Activity
Control
Bit 2
Control
Bit 1
Control
Bit 0
bbrrbbbb
-0xx000
0
0x20 Global Interrupt
Enable
Reserve
d
I2C
Interrupt
Enable
GPIO
Interrupt
Enable
Reserve
d
USB
Hub
Interrupt
Enable
1.024-m
s
Interrupt
Enable
128-
µs
Interrupt
Enable
USB Bus
RESET
Interrupt
Enable
-bbbbbbb
-000000
0
0x21 Endpoint Interrupt
Enable
Reserve
d
Reserve
d
Reserve
d
EPB1
Interrupt
Enable
EPB0
Interrupt
Enable
EPA2
Interrupt
Enable
EPA1
Interrupt
Enable
EPA0
Interrupt
Enable
---bbbbb
---0000
0
0x24 Timer (LSB)
Timer Bit
7
Timer Bit
6
Timer Bit
5
Timer Bit
4
Timer Bit
3
Timer Bit
2
Timer Bit
1
Timer Bit
0
rrrrrrrr
000000
00
0x25 Timer (MSB)
Reserve
d
Reserve
d
Reserve
d
Reserve
d
Timer Bit
11
Timer Bit
10
Time Bit
9
Timer Bit
8
----rrrr
----0000
0x28 I2C Control and
Status
MSTR
Mode
Continue
/
Busy
Xmit
Mode
ACK
Addr
ARB
Lost/
Restart
Receive
d Stop
I2C
Enable
bbbbbbbb
000000
00
0x29 I2C Data
I2C Data
7
I2C Data
6
I2C Data
5
I2C Data
4
I2C Data
3
I2C Data
2
I2C Data
1
I2C Data
0
bbbbbbbb
xxxxxxx
x
0x40 USB Device
Address B
Device
Address
B Enable
Device
Address
B
Bit 6
Device
Address
B
Bit 5
Device
Address
B
Bit 4
Device
Address
B Bit 3
Device
Address
B
Bit 2
Device
Address
B
Bit 1
Device
Address
B Bit 0
bbbbbbbb
000000
00
0x41 EP B0 Counter
Register
Data 0/1
Toggle
Data
Valid
Byte
Count Bit
5
Byte
Count Bit
4
Byte
Count Bit
3
Byte
Count Bit
2
Byte
Count Bit
1
Byte
Count Bit
0
bbbbbbbb
000000
00
0x42 EP B0 Mode
Register
Endpoint
0
SETUP
Receive
d
Endpoint
0
IN
Receive
d
Endpoint
0
OUT
Receive
d
ACK
Mode Bit
3
Mode Bit
2
Mode Bit
1
Mode Bit
0
bbbbbbbb
000000
00
0x43 EP B1 Counter
Register
Data 0/1
Toggle
Data
Valid
Byte
Count
Bit 5
Byte
Count
Bit 4
Byte
Count
Bit 3
Byte
Count
Bit 2
Byte
Count
Bit 1
Byte
Count
Bit 0
bbbbbbbb
000000
00
0x44 EP B1 Mode
Register
STALL
-
-
ACK
Mode Bit
3
Mode Bit
2
Mode Bit
1
Mode Bit
0
bbbbbbbb
000000
00
21.0
Register Summary (continued)
Addr
ess
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Read/Write
/Both[5, 6, 7]
Default/
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com