Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C66013-PVC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 5Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 6Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 7Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 8Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 9Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 10Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 11Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 12Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 9 of 58
Logic Block Diagram
Interrupt
Controller
PROM
12-bit
Timer
Reset
Watchdog
Timer
Repeater
Power-On
SCLK
I2C
USB
Transceiver
USB
Transceiver
USB
Transceiver
GPIO
PORT 1
GPIO
PORT 0
P0[0]
P0[7]
P1[0]
P1[7]
SDATA
D+[3]
D–[3]
D+[2]
D–[2]
6-MHz crystal
RAM
USB
SIE
USB
Transceiver
D+[4]
D–[4]
USB
Transceiver
D+[0]
D–[0]
D+[1]
D–[1]
Upstream
USB Port
Downstream USB Ports
GPIO
PORT 3
P3[0]
P3[4]
DAC
PORT
DAC[0]
DAC[7]
High Current
Outputs
CY7C66113 only
256 byte
8 KB
Clock
6 MHz
12-MHz
8-bit
CPU
*I2C-compatible interface enabled by firmware through
Power management under firmware
control using GPIO pins
Interface
GPIO
PORT 3
P3[5]
P3[6]
Additional
Outputs
High Current
PLL
12 MHz
48 MHz
Divider
GPIO/
PORT 2
P2[0:1,7]
P2[3]; Data_Ready
P2[4]; STB
P2[5]; OE
P2[6]; CS
P2[2]; Latch_Empty
HAPI
P2[1:0] or P1[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com