Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C66013-PVC Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 33Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 34Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 35Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 36Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 37Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 38Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 39Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 40Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 37 of 58
Bit [0..6] : Port x SE0 Status (where x = 1..7)
Set to 1 if a SE0 is output on the Port x bus; Set to 0 if a Non-SE0 is output on the Port x bus.
Bit 7 : Reserved.
Set to 0.
Hub Ports Data
ADDRESS
0x50
Bit [0..6] : Port x Diff Data (where x = 1..7)
Set to 1 if D+ > D– (forced differential 1, if signal is differential, i.e. not a SE0 or SE1). Set to 0 if D– > D+ (forced differential
0, if signal is differential, i.e., not a SE0 or SE1);
Bit 7 : Reserved.
Set to 0.
18.4
Downstream Port Suspend and Resume
The Hub Ports Suspend Register (Figure 18-9) and Hub Ports Resume Status Register (Figure 18-10) indicate the suspend and
resume conditions on downstream ports. The suspend register must be set by firmware for any ports that are selectively
suspended. Also, this register is only valid for ports that are selectively suspended.
If a port is marked as selectively suspended, normal USB traffic is not sent to that port. Resume traffic is also prevented from
going to that port, unless the Resume comes from the selectively suspended port. If a resume condition is detected on the port,
hardware reflects a Resume back to the port, sets the Resume bit in the Hub Ports Resume Register, and generates a hub
interrupt.
If a disconnect occurs on a port marked as selectively suspended, the suspend bit is cleared.
The Device Remote Wakeup bit (bit 7) of the Hub Ports Suspend Register controls whether or not the resume signal is propagated
by the hub after a connect or a disconnect event. If the Device Remote Wakeup bit is set, the hub will automatically propagate
the resume signal after a connect or a disconnect event. If the Device Remote Wakeup bit is cleared, the hub will not propagate
the resume signal. The setting of the Device Remote Wakeup flag has no impact on the propagation of the resume signal after
a downstream remote wakeup event. The hub will automatically propagate the resume signal after a remote wakeup event,
regardless of the state of the Device Remote wakeup bit. The state of this bit has no impact on the generation of the hub interrupt.
These registers are cleared on reset or bus reset.
These registers are cleared on reset or USB bus reset.
Hub Ports Suspend
ADDRESS
0x4D
Bit [0..6] : Port x Selective Suspend (where x = 1..7)
Set to 1 if Port x is Selectively Suspended; Set to 0 if Port x Do not suspend.
Bit 7 : Device Remote Wakeup.
When set to 1, Enable hardware upstream resume signaling for connect/disconnect events during global resume.
When set to 0, Disable hardware upstream resume signaling for connect/disconnect events during global resume.
Hub Ports Resume
ADDRESS
0x4E
Bit #
765
43
21
0
Bit Name
Reserved
Port 7 Diff. Data Port 6 Diff. Data Port 5 Diff. Data Port 4 Diff. Data Port 3 Diff. Data Port 2 Diff. Data Port 1 Diff. Data
Read/Write
RRR
RR
RR
R
Reset
000
00
00
0
Figure 18-8. Hub Ports Data Register
Bit #
7
654
321
0
Bit Name
Device Remote
Wakeup
Port 7
Selective
Suspend
Port 6
Selective
Suspend
Port 5
Selective
Suspend
Port 4
Selective
Suspend
Port 3
Selective
Suspend
Port 2
Selective
Suspend
Port 1
Selective
Suspend
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
000
000
0
Figure 18-9. Hub Ports Suspend Register
Bit #
7
654
321
0
Bit Name
Reserved
Resume 7
Resume 6
Resume 5
Resume 4
Resume 3
Resume 2
Resume 1
Read/Write
-
RRR
RRR
R
Reset
0
000
000
0
Figure 18-10. Hub Ports Resume Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com