Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201AMIL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG201AMIL
Description  Monolithic Quad SPST CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201AMIL Datasheet(HTML) 5 Page - Vishay Siliconix

  DG201AMIL Datasheet HTML 1Page - Vishay Siliconix DG201AMIL Datasheet HTML 2Page - Vishay Siliconix DG201AMIL Datasheet HTML 3Page - Vishay Siliconix DG201AMIL Datasheet HTML 4Page - Vishay Siliconix DG201AMIL Datasheet HTML 5Page - Vishay Siliconix DG201AMIL Datasheet HTML 6Page - Vishay Siliconix DG201AMIL Datasheet HTML 7Page - Vishay Siliconix DG201AMIL Datasheet HTML 8Page - Vishay Siliconix DG201AMIL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DG201A_MIL/202_MIL
Vishay Siliconix
Document Number: 70036
S-00405—Rev. G, 21-Feb-00
www.vishay.com
S FaxBack 408-970-5600
4-5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Leakage Current vs. Analog Voltage
Crosstalk and Off Isolation vs. Frequency
f – Frequency (Hz)
VD or VS – Drain or Source Voltage (V)
10
–20
–15
–10
–5
0
5
10
15
20
8
6
4
2
0
–2
–4
–6
–8
–10
V+ = 15 V
V– = –15 V
TA = 25_C
For ID(off), VS = –VD
For IS(off), VD = – VS
10 k
100 k
1 M
10 M
0
–20
–40
–60
–80
–100
–120
–140
–160
V+ = 15 V
V– = –15 V
Ref. 0 dBm
RL = 50 W
Off Isolation
Crosstalk
IS(off), ID(off)
ID(on)
1000
900
800
700
600
500
400
300
200
100
Switching Time vs. Power Supply Voltage
Switching Time vs. Temperature
Temperature (
_C)
V+ – Positive Supply (V)
–55
–35
–15
5
25
45
65
85
105
125
1000
10
12
14
16
18
20
22
900
800
700
600
500
400
300
200
100
V+ = 15 V
V– = –15 V
VS = 2 V
tON
tOFF
tON
tOFF
See Figures 3 and 4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com