Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201AMIL Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG201AMIL
Description  Monolithic Quad SPST CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201AMIL Datasheet(HTML) 7 Page - Vishay Siliconix

  DG201AMIL Datasheet HTML 1Page - Vishay Siliconix DG201AMIL Datasheet HTML 2Page - Vishay Siliconix DG201AMIL Datasheet HTML 3Page - Vishay Siliconix DG201AMIL Datasheet HTML 4Page - Vishay Siliconix DG201AMIL Datasheet HTML 5Page - Vishay Siliconix DG201AMIL Datasheet HTML 6Page - Vishay Siliconix DG201AMIL Datasheet HTML 7Page - Vishay Siliconix DG201AMIL Datasheet HTML 8Page - Vishay Siliconix DG201AMIL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DG201A_MIL/202_MIL
Vishay Siliconix
Document Number: 70036
S-00405—Rev. G, 21-Feb-00
www.vishay.com
S FaxBack 408-970-5600
4-7
APPLICATION HINTSa
V+
Positive Supply
Voltage
(V)
V–
Negative Supply
Voltage
(V)
VIN
Logic Input Voltage
VINH(min)/VINL(max)
(V)
VS or VD
Analog Voltage
Range
(V)
15
10
12
8b
–15
–12
–10
–8
2.4/0.8
2.4/0.8
2.2/0.6
2.0/0.5
–15 to 15
–12 to 12
–10 to 10
–8 to 8
Notes:
a.
Application Hints are for DESIGN AID ONLY, not guaranteed and not subject to production testing.
b.
Operation below
"8 V is not recommended.
APPLICATIONS
FIGURE 6. Sample-and-Hold
LM101A
+15 V
–15 V
30 pF
+15 V
–15 V
V+
V–
DG201A_MIL
50 pF
1000 pF
J202
J500
J507
+15 V
2N4400
–15 V
VIN
VOUT
1 k
W
200
W
5 M
W
5.1 M
W
Aquisition Time
= 25
ms
Aperature Time
= 1
ms
Sample to Hold Offset
= 5 mV
Droop Rate
= 5 mV/s
Logic Input
Low = Sample
High = Hold
–
+



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com