Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201AMIL Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG201AMIL
Description  Monolithic Quad SPST CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201AMIL Datasheet(HTML) 6 Page - Vishay Siliconix

  DG201AMIL Datasheet HTML 1Page - Vishay Siliconix DG201AMIL Datasheet HTML 2Page - Vishay Siliconix DG201AMIL Datasheet HTML 3Page - Vishay Siliconix DG201AMIL Datasheet HTML 4Page - Vishay Siliconix DG201AMIL Datasheet HTML 5Page - Vishay Siliconix DG201AMIL Datasheet HTML 6Page - Vishay Siliconix DG201AMIL Datasheet HTML 7Page - Vishay Siliconix DG201AMIL Datasheet HTML 8Page - Vishay Siliconix DG201AMIL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DG201A_MIL/202_MIL
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-6
Document Number: 70036
S-00405—Rev. G, 21-Feb-00
TEST CIRCUITS
FIGURE 2. Switching Time
FIGURE 3. Off Isolation
50%
0 V
3 V
tOFF
tON
VO
tr <20 ns
tf <20 ns
Logic
Input
Switch
Output
90%
CL
35 pF
RL
1 k
W
VO = VS
RL + rDS(on)
RL
VS = +2 V
VO
V–
V+
IN
S
D
3 V
–15 V
GND
+15 V
S
IN
RL
D
Rg = 50 W
VS
VO
0V, 2.4 V
Off Isolation = 20 log
VS
VO
V+
–15 V
GND
V–
C
C
+15 V
IN1
0V, 2.4 V
VO
+15 V
–15 V
GND
RL
V+
V–
NC
XTALK Isolation = 20 log
C
VS
C
VO
0V, 2.4 V
50
W
VS
S1
IN2
S2
Rg = 50 W
D1
D2
C = RF bypass
FIGURE 4. Channel-to-Channel Crosstalk
FIGURE 5. Charge Injection
CL
1000 pF
Vg
3 V
D
V+
V–
Rg
–15 V
GND
IN
S
VO
+15 V
VO
DVO
INX
ON
ON
OFF
DVO = measured voltage error due to charge injection
The charge injection in coulombs is Q = CL x DVO
VO is the steady state output with switch on. Feedthrough via gate capacitance may result in spikes at leading and trailing edge of output waveform.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com