Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201AMIL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG201AMIL
Description  Monolithic Quad SPST CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201AMIL Datasheet(HTML) 3 Page - Vishay Siliconix

  DG201AMIL Datasheet HTML 1Page - Vishay Siliconix DG201AMIL Datasheet HTML 2Page - Vishay Siliconix DG201AMIL Datasheet HTML 3Page - Vishay Siliconix DG201AMIL Datasheet HTML 4Page - Vishay Siliconix DG201AMIL Datasheet HTML 5Page - Vishay Siliconix DG201AMIL Datasheet HTML 6Page - Vishay Siliconix DG201AMIL Datasheet HTML 7Page - Vishay Siliconix DG201AMIL Datasheet HTML 8Page - Vishay Siliconix DG201AMIL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DG201A_MIL/202_MIL
Vishay Siliconix
Document Number: 70036
S-00405—Rev. G, 21-Feb-00
www.vishay.com
S FaxBack 408-970-5600
4-3
SPECIFICATIONSa
Test Conditions
Unless Specified
A Suffix
–55 to 125
_C
Parameter
Symbol
V+ = 15 V, V– = –15V
VIN = 2.4 V, 0.8 Vf
Tempb
Mind
Typc
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–15
15
V
Drain-Source On-Resistance
rDS(on)
VD = "10 V, IS = 1 mA
Room
115
175
W
Drain-Source On-Resistance
rDS(on)
VD = "10 V, IS = 1 mA
Full
250
W
Source Off
Leakage Current
IS(off)
VS = "14 V, VD = #14 V
Room
Full
–1
–100
"0.02
1
100
A
Drain Off Leakage Current
ID(off)
VD = "14 V, VS = #14 V
Room
Full
–1
–100
"0.02
1
100
nA
Drain On Leakage Current
ID(on)
VS = VD = "14 V
Room
Full
–1
–200
"0.15
1
200
Digital Control
Input Current with
It V lt
Hi h
IINH
VIN = 2.4 V
Room
Full
–1
–1
–0.0004
A
p
Input Voltage High
IINH
VIN = 15 V
Room
Full
0.003
1
10
mA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Room
Full
–1
–10
–0.0004
Dynamic Characteristics
Turn-On Time
tON
See Switching Time
T
t Ci
it
Room
480
600
ns
Turn-Off Time
tOFF
g
Test Circuit
Room
370
450
ns
Charge Injection
Q
CL = 1000 pF, Vg= 0 V
Rg = 0 W
Room
20
pC
Source-Off Capacitance
CS(off)
VS = 0 V, VIN = 5 V, f = 1 MHz
Room
5
F
Drain-Off Capacitance
CD(off)
VS = 0 V, VIN = 5 V, f = 1 MHz
Room
5
pF
Channel On Capacitance
CD(on) +
CS(on)
VD = VS = 0 V, VIN = 0 V
f = 1 MHz
Room
16
pF
Off Isolation
OIRR
VIN = 5 V, RL = 75 W
Room
70
dB
Channel-to-Channel
Crosstalk
XTALK
VIN = 5 V, RL = 75 W
VS = 2 V, f = 100 kHz
Room
90
dB
Power Supply
Positive Supply Current
I+
All Channels On or Off
Room
0.9
2
mA
Negative Supply Current
I–
All Channels On or Off
Room
–1
–0.3
mA
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com