Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201AMIL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG201AMIL
Description  Monolithic Quad SPST CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201AMIL Datasheet(HTML) 4 Page - Vishay Siliconix

  DG201AMIL Datasheet HTML 1Page - Vishay Siliconix DG201AMIL Datasheet HTML 2Page - Vishay Siliconix DG201AMIL Datasheet HTML 3Page - Vishay Siliconix DG201AMIL Datasheet HTML 4Page - Vishay Siliconix DG201AMIL Datasheet HTML 5Page - Vishay Siliconix DG201AMIL Datasheet HTML 6Page - Vishay Siliconix DG201AMIL Datasheet HTML 7Page - Vishay Siliconix DG201AMIL Datasheet HTML 8Page - Vishay Siliconix DG201AMIL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DG201A_MIL/202_MIL
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-4
Document Number: 70036
S-00405—Rev. G, 21-Feb-00
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
rDS(on) vs. VD and Power Supply Voltage
Charge Injection vs. Analog Voltage
–15
70
60
50
40
30
20
10
0
–10
–20
–30
–10
–5
0
5
10
15
VANALOG – Analog Voltage (V)
QD
QS
VD – Drain Voltage (V)
–25
–15
–5
5
15
25
300
250
200
150
100
50
TA = 25_C
"5 V
"8 V
"10 V
"12 V
"15 V
V+ = 15 V, V– = –15 V
TA = 25_C
Leakage vs. Temperature
rDS(on) vs. VD and Temperature
VD – Drain Voltage (V)
Temperature (
_C)
–15
–10
–5
0
5
10
15
100 nA
–55
–35
–15
5
25
45
65
85
105
125
10 nA
1 nA
100 pA
10 pA
1 pA
0.1 pA
V+ = 15 V, V– = –15 V
VD = "14 V
IS(off), ID(off), ID(on)
180
160
140
120
100
80
60
V+ = 15 V, V– = –15 V
125
_C
85
_C
25
_C
0
_C
–40
_C
–55
_C
Insertion Loss vs. Frequency
Supply Current vs. Switching Frequency
f – Frequency (Hz)
f – Frequency (Hz)
6
4
2
0
–2
–4
–6
1 k
10 k
100 k
1 M
I
I
+
–
V+ = 15 V
V– = –15 V
1 k
10 k
100 k
1 M
10 M
V+ = 15 V
V– = –15 V
Ref. 0.0 dBm
See Figures 3 and 4
RL = 50 W
1 M
W
1 k
W
2.0
0.0
–2.0
–4.0
–6.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com