Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201AMIL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG201AMIL
Description  Monolithic Quad SPST CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201AMIL Datasheet(HTML) 1 Page - Vishay Siliconix

  DG201AMIL Datasheet HTML 1Page - Vishay Siliconix DG201AMIL Datasheet HTML 2Page - Vishay Siliconix DG201AMIL Datasheet HTML 3Page - Vishay Siliconix DG201AMIL Datasheet HTML 4Page - Vishay Siliconix DG201AMIL Datasheet HTML 5Page - Vishay Siliconix DG201AMIL Datasheet HTML 6Page - Vishay Siliconix DG201AMIL Datasheet HTML 7Page - Vishay Siliconix DG201AMIL Datasheet HTML 8Page - Vishay Siliconix DG201AMIL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IN1
IN2
D1
D2
S1
S2
V–
V+
GND
NC
S4
S3
D4
D3
IN4
IN3
Dual-In-Line
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Top View
S1
NC
S2
IN3
V–
D3
V+
D4
NC
IN4
NC
NC
GND
IN2
NC
D2
S4
D1
S3
IN1
Key
Top View
LCC
910
11
12
13
4
5
6
7
8
1
2
319
20
14
15
16
17
18
DG201A_MIL
DG201A_MIL
DG201A_MIL/202_MIL
Vishay Siliconix
Document Number: 70036
S-00405—Rev. G, 21-Feb-00
www.vishay.com
S FaxBack 408-970-5600
4-1
Monolithic Quad SPST CMOS Analog Switches
(Obsolete for non-hermetic. Use DG201B/202B as pin-for-pin replacements.)
FEATURES
BENEFITS
APPLICATIONS
D "15-V Input Range
D Low Off Leakage—ID(on): 0.1 nA
D Low On-Resistance—rDS(on): 115 W
D 44-V Maximum Supply Ratings
D TTL and CMOS Compatible
D Wide Input Range
D Low Distortion Switching
D Can Be Driven from Comparators or
Op Amps Without Limiting Resistors
D Disk Drives
D Radar Systems
D Communications Systems
D Sample-and-Hold
DESCRIPTION
The DG201A_MIL and DG202_MIL are quad SPST analog
switches designed to provide accurate switching over a wide
range of input signals. When combining a low on-resistance
and a wide signal range (
"15 V) with low charge-transfer
these devices are well suited for industrial and military
applications.
Built on Vishay Siliconix’ high voltage metal gate process to
achieve optimum switch performance, each switch conducts
equally well in both directions when on. When off these
switches will block up to 30 V peak-to-peak and have a 44-V
absolute maximum power supply rating.
These two devices are differentiated by the type of switch
actions (See Truth Table).
The
DG201A_MIL/202_MIL
are
available
in
hermetic
packages. For plastic packages, use the DG201B/202B as
pin-for-pin replacements.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic
DG201A_MIL
DG202_MIL
0
ON
OFF
1
OFF
ON
Logic “0”
v 0.8 V
Logic “1”
w 2.4 V


Similar Part No. - DG201AMIL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
Quad SPST, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG201A MAXIM-DG201A Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
230Kb / 7P
Quad SPST, CMOS Analog Switches
May 2001
logo
Maxim Integrated Produc...
DG201A MAXIM-DG201A Datasheet
517Kb / 12P
Quad SPST CMOS Analog Switches
Rev 2; 5/06
logo
Vishay Siliconix
DG201A-MIL VISHAY-DG201A-MIL Datasheet
227Kb / 18P
Monolithic Quad SPST CMOS Analog Switches
21-Feb-00
More results

Similar Description - DG201AMIL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
Monolithic Quad SPST CMOS Analog Switches
August 2003
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
Monolithic Quad SPST CMOS Analog Switches
June 1994
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
November 27, 2006
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
November 20, 2006
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
Monolithic, Quad SPST, CMOS Analog Switches
June 4, 2007
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
Monolithic Quad SPST, CMOS Analog Switches
June 20, 2007
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
Quad Monolithic SPST CMOS Analog Switches
28-Feb-11
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
Quad Monolithic SPST CMOS Analog Switches
28-Feb-11
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com