Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-P033MS28 Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTPL-P033MS28
Description  LITE-ON TECHNOLOGY CORPORATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P033MS28 Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTPL-P033MS28 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 9Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 10Page - Lite-On Technology Corporation LTPL-P033MS28 Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P033MS28
Page:
7
of
14
BNC-OD-C131/A4
4. Category Code Table
T2
H
P3
Chromaticity Coordinate Categories
Code
x
y
Code
x
y
Code
x
y
M1
0.4625
0.4113
M2
0.4520
0.3927
M3
0.4546
0.4095
0.4729
0.4299
0.4625
0.4113
0.4646
0.4280
0.4813
0.4319
0.4703
0.4132
0.4729
0.4299
0.4703
0.4132
0.4593
0.3944
0.4625
0.4113
M4
0.4446
0.3910
M5
0.4468
0.4077
M6
0.4373
0.3893
0.4546
0.4095
0.4562
0.4260
0.4468
0.4077
0.4625
0.4113
0.4646
0.4280
0.4546
0.4095
0.4520
0.3927
0.4546
0.4095
0.4446
0.3910
P1
0.4386
0.4048
P2
0.4298
0.3867
P3
0.4305
0.4019
0.4474
0.4228
0.4386
0.4048
0.4387
0.4197
0.4562
0.4260
0.4468
0.4077
0.4474
0.4228
0.4468
0.4077
0.4373
0.3893
0.4386
0.4048
P4
0.4222
0.3840
P5
0.4223
0.3990
P6
0.4147
0.3814
0.4305
0.4019
0.4299
0.4165
0.4223
0.3990
0.4386
0.4048
0.4387
0.4197
0.4305
0.4019
0.4298
0.3867
0.4305
0.4019
0.4222
0.3840
Forward Voltage Categories
Code
Min
Max
G
2.79
3.03
H
3.03
3.27
I
3.27
3.51
K
3.51
3.75
Luminous Flux Categories
Code
Min
Max
T2
76.6
87.4
U1
87.4
100.0
U2
100.0
113.6
Notes
1.
The chromaticity coordinates is operated performance with forward current 350mA.
2.
The luminous flux is operated performance with forward current 350mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com